Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5987A Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5987A
Description  3 A step-down switching regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5987A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5987A Datasheet HTML 3Page - STMicroelectronics L5987A Datasheet HTML 4Page - STMicroelectronics L5987A Datasheet HTML 5Page - STMicroelectronics L5987A Datasheet HTML 6Page - STMicroelectronics L5987A Datasheet HTML 7Page - STMicroelectronics L5987A Datasheet HTML 8Page - STMicroelectronics L5987A Datasheet HTML 9Page - STMicroelectronics L5987A Datasheet HTML 10Page - STMicroelectronics L5987A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
L5987 - L5987A
Electrical characteristics
7/42
Error amplifier
VCH
High level output voltage
VFB < 0.6 V
3
V
VCL
Low level output voltage
VFB > 0.6 V
0.1
IFB
Bias source current
VFB = 0 V to 0.8 V
1
μA
IO SOURCE Source COMP pin
VFB = 0.5 V,
VCOMP = 1 V
17
mA
IO SINK
Sink COMP pin
VFB = 0.7 V,
VCOMP = 1 V
25
mA
GV
Open loop voltage gain
(2)
100
dB
Synchronization function
High input voltage
2
3.3
V
Low input voltage
1
Slave sink current
VSYNCH = 2.9 V
0.7
0.9
mA
Master output amplitude
ISOURCE = 200 μA3.0
V
Output pulse width
SYNCH floating
110
ns
Input pulse width
70
Protection
IFBDISC
FB disconnection source
current
1
μA
TSHDN
Thermal shutdown
150
°C
Hysteresis
30
1.
Specification referred to TJ from -40 to +125 °C. Specification in the -40 to +125 °C temperature range are
assured by design, characterization and statistical correlation.
2.
Guaranteed by design.
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Values
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com