Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5987A Datasheet(PDF) 19 Page - STMicroelectronics

Part # L5987A
Description  3 A step-down switching regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5987A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L5987A Datasheet HTML 15Page - STMicroelectronics L5987A Datasheet HTML 16Page - STMicroelectronics L5987A Datasheet HTML 17Page - STMicroelectronics L5987A Datasheet HTML 18Page - STMicroelectronics L5987A Datasheet HTML 19Page - STMicroelectronics L5987A Datasheet HTML 20Page - STMicroelectronics L5987A Datasheet HTML 21Page - STMicroelectronics L5987A Datasheet HTML 22Page - STMicroelectronics L5987A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
L5987 - L5987A
Application information
19/42
6.3
Output capacitor selection
The current in the capacitor has a triangular waveform which generates a voltage ripple
across it. This ripple is due to the capacitive component (charge or discharge of the output
capacitor) and the resistive component (due to the voltage drop across its ESR). So the
output capacitor has to be selected in order to have a voltage ripple compliant with the
application requirements.
The amount of the voltage ripple can be calculated starting from the current ripple obtained
by the inductor selection.
Equation 13
Usually the resistive component of the ripple is much higher than the capacitive one, if the
output capacitor adopted is not a multi layer ceramic capacitor (MLCC) with very low ESR
value.
The output capacitor is important also for loop stability: it fixes the double LC filter pole and
the zero due to its ESR. In Chapter 6.4, it will be illustrated how to consider its effect in the
system stability.
For example with VOUT = 3.3 V, VIN = 12 V, ΔIL = 0.9 A (resulting by the inductor value), in
order to have a
ΔV
OUT = 0.01·VOUT, if the multi layer ceramic capacitor are adopted, 13 μF
are needed and the ESR effect on the output voltage ripple can be neglected. In case of not
negligible ESR (electrolytic or tantalum capacitors), the capacitor is chosen taking into
account its ESR value. So in case of 330
μF with ESR = 30 mΩ, the resistive component of
the drop dominates and the voltage ripple is 27 mV
.
The output capacitor is also important to sustain the output voltage when a load transient
with high slew rate is required by the load. When the load transient slew rate exceeds the
system bandwidth the output capacitor provides the current to the load. So if the high slew
rate load transient is required by the application the output capacitor and system bandwidth
have to be chosen in order to sustain the load transient.
In the table below some capacitor series are listed.
Wurth
PD Type L
8.2 to 15
3.75 to 6.25
PD Type M
2.2 to 4.7
4 to 6
SUMIDA
CDRH6D226/HP
1.5 to 3.3
3.6 to 5.2
CDR10D48MN
6.6 to 12
4.1 to 5.7
Table 7.
Inductors (continued)
Manufacturer
Series
Inductor value (
μH)
Saturation current (A)
ΔV
OUT
ESR
ΔI
MAX
⋅
ΔI
MAX
8C
OUT
f
SW
⋅⋅
-------------------------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com