Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5987A Datasheet(PDF) 35 Page - STMicroelectronics

Part # L5987A
Description  3 A step-down switching regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5987A Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L5987A Datasheet HTML 31Page - STMicroelectronics L5987A Datasheet HTML 32Page - STMicroelectronics L5987A Datasheet HTML 33Page - STMicroelectronics L5987A Datasheet HTML 34Page - STMicroelectronics L5987A Datasheet HTML 35Page - STMicroelectronics L5987A Datasheet HTML 36Page - STMicroelectronics L5987A Datasheet HTML 37Page - STMicroelectronics L5987A Datasheet HTML 38Page - STMicroelectronics L5987A Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
L5987 - L5987A
Application information
35/42
Figure 22.
Junction temperature vs
output current
Figure 23.
Junction temperature vs
output current
Figure 24.
Junction temperature vs
output current
Figure 25.
Efficiency vs output current
Figure 26.
Efficiency vs output current
Figure 27.
Efficiency vs output current
76
78
80
82
84
86
88
90
92
0.3
0.8
1.3
1.8
2.3
2.8
Io [A]
VIN=12V
VO=2.5V
VO=3.3V
VO=5V
FSW=250kHz
76
78
80
82
84
86
88
90
92
0.3
0.8
1.3
1.8
2.3
2.8
Io [A]
VIN=12V
VO=2.5V
VO=3.3V
VO=5V
FSW=250kHz
70
75
80
85
90
95
0.3
0.8
1.3
1.8
2.3
2.8
Io [A]
VO=1.8V
VO=2.5V
VO=3.3V
VIN=5V
FSW=250kHz
70
75
80
85
90
95
0.3
0.8
1.3
1.8
2.3
2.8
Io [A]
VO=1.8V
VO=2.5V
VO=3.3V
VIN=5V
FSW=250kHz
65
70
75
80
85
90
95
0.3
0.8
1.3
1.8
2.3
2.8
Io [A]
VO=1.2V
VO=1.8V
VO=2.5V
VIN=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com