Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566B Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6566B
Description  Multi-mode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6566B Datasheet HTML 8Page - STMicroelectronics L6566B Datasheet HTML 9Page - STMicroelectronics L6566B Datasheet HTML 10Page - STMicroelectronics L6566B Datasheet HTML 11Page - STMicroelectronics L6566B Datasheet HTML 12Page - STMicroelectronics L6566B Datasheet HTML 13Page - STMicroelectronics L6566B Datasheet HTML 14Page - STMicroelectronics L6566B Datasheet HTML 15Page - STMicroelectronics L6566B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
Electrical characteristics
L6566B
12/51
4
Electrical characteristics
(TJ = -25 to 125°C, VCC = 12, CO = 1 nF; MODE/SC = VREF, RT = 20 kΩ from OSC to GND,
unless otherwise specified).
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Supply voltage
Vcc
Operating range after turn-on
VCOMP > VCOMPL
10.6
23
V
VCOMP = VCOMPO
823
VccOn
Turn-on threshold
(1)
13
14
15
V
VccOff
Turn-off threshold
(1) V
COMP > VCOMPL
9.4
10
10.6
V
(1) V
COMP = VCOMPO
7.2
7.6
8.0
Hys
Hysteresis
VCOMP > VCOMPL
4V
VZ
Zener voltage
Icc = 20 mA, IC disabled
23
25
27
V
Supply current
Istart-up
Start-up current
Before turn-on, Vcc = 13 V
200
250
µA
Iq
Quiescent current
After turn-on, VZCD = VCS = 1 V
2.6
2.8
mA
Icc
Operating supply current
MODE/SC open
4
4.6
mA
Iqdis
Quiescent current
IC disabled (2)
330
2500
µA
IC latched off
440
500
High-voltage start-up generator
VHV
Breakdown voltage
IHV < 100 µA
700
V
VHVstart
Start voltage
IVcc < 100 µA
65
80
100
V
Icharge
Vcc charge current
VHV > VHvstart, Vcc > 3 V
0.55
0.85
1
mA
IHV, ON
ON-state current
VHV > VHvstart, Vcc > 3 V
1.6
mA
VHV > VHvstart, Vcc = 0
0.8
IHV, OFF
OFF-state leakage current
VHV = 400 V
40
µA
VCCrestart
Vcc restart voltage
Vcc falling
4.4
5
5.6
V
(1) IC latched off
12.5
13.5
14.5
(1) Disabled by
VCOMP < VCOMPOFF
9.4
10
10.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com