Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566B Datasheet(PDF) 36 Page - STMicroelectronics

Part # L6566B
Description  Multi-mode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566B Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L6566B Datasheet HTML 32Page - STMicroelectronics L6566B Datasheet HTML 33Page - STMicroelectronics L6566B Datasheet HTML 34Page - STMicroelectronics L6566B Datasheet HTML 35Page - STMicroelectronics L6566B Datasheet HTML 36Page - STMicroelectronics L6566B Datasheet HTML 37Page - STMicroelectronics L6566B Datasheet HTML 38Page - STMicroelectronics L6566B Datasheet HTML 39Page - STMicroelectronics L6566B Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
Application information
L6566B
36/51
Figure 23.
OVP function: timing diagram
The value of RZ1 will be such that the current sourced by the ZCD pin be within the rated
capability of the internal clamp:
Equation 14
where Vinmax is the maximum dc input voltage and Ns the turn number of the primary
winding. See Section 5.2: Zero current detection and triggering block; oscillator block on
page 21
for additional details.
To reduce sensitivity to noise and prevent the latch from being erroneously activated, first
the OVP comparator is active only for a small time window (typically, 0.5 µs) starting 2 µs
after MOSFET’s turn-off, to reject the voltage spike associated to the positive-going edges
of the voltage across the auxiliary winding Vaux; second, to stop the L6566B the OVP
comparator must be triggered for four consecutive switching cycles. A counter, which is
reset every time the OVP comparator is not triggered in one switching cycle, is provided to
this purpose.
Figure 22 on page 35
shows the internal block diagram, while the timing diagrams in
Figure 23
illustrate the operation.
Note:
To use the OVP function effectively, i.e. to ensure that the OVP comparator will be always
interrogated during MOSFET’s OFF-time, the duty cycle D under open-loop conditions must
fulfill the following inequality:
t
GD
(pin 4)
Vaux
5V
t
t
t
STROBE
t
COUNTER
RESET
t
COUNTER
STATUS
t
0
ZCD
(pin 11)
2 µs
0.5µs
OVP
FAULT
00
0
0
→11 →22 →00 →11 →22 →33 →4
0
NORMAL OPERATION
TEMPORARY DISTURBANCE
FEEDBACK LOOP FAILURE
t
COUT
t
max
3
1
Z
Vin
Np
Naux
10
3
1
R
−
⋅
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com