Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566B Datasheet(PDF) 33 Page - STMicroelectronics

Part # L6566B
Description  Multi-mode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566B Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L6566B Datasheet HTML 29Page - STMicroelectronics L6566B Datasheet HTML 30Page - STMicroelectronics L6566B Datasheet HTML 31Page - STMicroelectronics L6566B Datasheet HTML 32Page - STMicroelectronics L6566B Datasheet HTML 33Page - STMicroelectronics L6566B Datasheet HTML 34Page - STMicroelectronics L6566B Datasheet HTML 35Page - STMicroelectronics L6566B Datasheet HTML 36Page - STMicroelectronics L6566B Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
L6566B
Application information
33/51
This function is useful to implement a latched overtemperature protection very easily by
biasing the pin with a divider from VREF, where the upper resistor is an NTC physically
located close to a heating element like the MOSFET, or the transformer. The DIS pin is a
high impedance input, thus it is prone to pick up noise, which might give origin to undesired
latch-off of the device. It is possible to bypass the pin to ground with a small film capacitor
(e.g. 1-10 nF) to prevent any malfunctioning of this kind.
Figure 20.
Operation after latched disable activation: timing diagram
5.10
Soft-start and delayed latched shutdown upon overcurrent
At device start-up, a capacitor (CSS) connected between the SS pin (14) and ground is
charged by an internal current generator, ISS1, from zero up to about 2 V where it is
clamped. During this ramp, the overcurrent setpoint progressively rises from zero to the
value imposed by the voltage on the VFF pin (15, see Section 5.6: PWM comparator, PWM
latch and voltage feedforward blocks on page 27
); MOSFET’s conduction time increases
gradually, hence controlling the start-up inrush current. The time needed for the overcurrent
setpoint to reach its steady state value, referred to as soft-start time, is approximately:
Equation 12
During the ramp (i.e. until VSS = 2 V) all the functions that monitor the voltage on pin COMP
are disabled.
Vcc
(pin 5)
GD
(pin 4)
Vin
VccON
VccON -0.5
t
t
t
t
4.5V
VccOFF
DIS
(pin 8)
Vccrestart
VHVstart
HV generator is turned on
HV generator turn-on is disabled here
Input source is removed here
t
AC_OK
(pin 16)
Vth
Disable latch is reset here
Restart is quicker
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
=
3
V
1
I
Css
)
V
(
V
I
Css
T
VFF
1
SS
VFF
csx
1
SS
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com