Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566B Datasheet(PDF) 38 Page - STMicroelectronics

Part # L6566B
Description  Multi-mode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566B Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L6566B Datasheet HTML 34Page - STMicroelectronics L6566B Datasheet HTML 35Page - STMicroelectronics L6566B Datasheet HTML 36Page - STMicroelectronics L6566B Datasheet HTML 37Page - STMicroelectronics L6566B Datasheet HTML 38Page - STMicroelectronics L6566B Datasheet HTML 39Page - STMicroelectronics L6566B Datasheet HTML 40Page - STMicroelectronics L6566B Datasheet HTML 41Page - STMicroelectronics L6566B Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
Application information
L6566B
38/51
Figure 25.
Brownout protection: internal block diagram and timing diagram
The brownout comparator is provided with current hysteresis in addition to voltage
hysteresis: an internal 15 µA current sink is ON as long as the voltage applied on the
AC_OK pin is such that the AC_FAIL signal is high. This approach provides an additional
degree of freedom: it is possible to set the ON threshold and the OFF threshold separately
by properly choosing the resistors of the external divider (see below). With just voltage
hysteresis, instead, fixing one threshold automatically fixes the other one depending on the
built-in hysteresis of the comparator.
With reference to Figure 25, the following relationships can be established for the ON
(VsenON) and OFF (VsenOFF) thresholds of the sensed voltage:
Equation 16
which, solved for RH and RL, yield:
Equation 17
Sensed voltage
Vcc
(pin 5)
VsenON
VsenOFF
GD
(pin 4)
Vout
VAC_OK
(pin 16)
IHYS
15 µA
t
t
t
t
t
t
t
AC_FAIL
0.45V
0.485V
-
+
L6566B
AC_FAIL
AC_OK
Vcc
16
5
0.485V
0.45V
15 µA
RH
RL
Sensed
voltage
L
H
OFF
L
6
H
ON
R
45
.
0
R
45
.
0
Vsen
R
485
.
0
10
15
R
485
.
0
Vsen
=
−
+
⋅
=
−
−
45
.
0
Vsen
45
.
0
R
R
;
10
15
Vsen
078
.
1
Vsen
R
OFF
H
L
6
OFF
ON
H
−
=
⋅
⋅
−
=
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com