Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566B Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6566B
Description  Multi-mode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566B Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6566B Datasheet HTML 27Page - STMicroelectronics L6566B Datasheet HTML 28Page - STMicroelectronics L6566B Datasheet HTML 29Page - STMicroelectronics L6566B Datasheet HTML 30Page - STMicroelectronics L6566B Datasheet HTML 31Page - STMicroelectronics L6566B Datasheet HTML 32Page - STMicroelectronics L6566B Datasheet HTML 33Page - STMicroelectronics L6566B Datasheet HTML 34Page - STMicroelectronics L6566B Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
L6566B
Application information
31/51
between the detected event and the oscillator, occasionally the device could stop after the
third detection.
This condition is latched as long as the device is supplied. While it is disabled, however, no
energy is coming from the self-supply circuit; hence the voltage on the Vcc capacitor will
decay and cross the UVLO threshold after some time, which clears the latch. The internal
start-up generator is still off, then the Vcc voltage still needs to go below its restart voltage
before the Vcc capacitor is charged again and the device restarted. Ultimately, this will result
in a low-frequency intermittent operation (Hiccup-mode operation), with very low stress on
the power circuit. This special condition is illustrated in the timing diagram of Figure 18 on
page 30
.
5.8
Frequency modulation
To alleviate converter’s EMI emissions and reduce cost and size of the line filter, it is
advantageous to modulate its switching frequency, so that the resulting spread-spectrum
action distributes the energy of each harmonic of the switching frequency over a number of
side-band harmonics. Their overall energy will be unchanged but the individual amplitudes
will be smaller. This is what naturally occurs with QR operation, due to the twice-mains-
frequency ripple appearing on the input bulk capacitor, which translates into different DCM-
CCM boundary frequencies.
The L6566B is provided with a dedicated pin, FMOD (6), to perform this function if FF mode
is selected.
Figure 19.
Frequency modulation circuit
With reference to Figure 19, the capacitor CMOD is connected from FMOD to ground and is
alternately charged and discharged between 0.5 and 1.5 V by internal current generators
sourcing and sinking the same current (three times the current defined by the resistor RT on
pin OSC). Hence, the voltage across CMOD will be a symmetric triangle, whose frequency fm
is determined by CMOD. By connecting a resistor RMOD from FMOD to OSC, the current
sourced by pin OSC will be modulated according a triangular profile at a frequency fm. If
RMOD is considerably higher than RT, as normally is, both fm and the symmetry of the
triangle will be little affected.
With this arrangement it is possible to set, nearly independently, the frequency deviation
∆f
sw and the modulating frequency fm, which define the modulation index:
L6566B
OSC
6
RT
FMOD
13
RMOD
CMOD
1.5 V
0.5 V
0 V
1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com