Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF21085LSR3 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MRF21085LSR3
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF21085LSR3 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MRF21085LSR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MRF21085LR3 MRF21085LSR3
3
RF Device Data
Freescale Semiconductor
Table 4. Electrical Characteristics (TC = 25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Functional Tests (In Freescale Test Fixture, 50 ohm system) (continued)
Two-Tone Common-Source Amplifier Power Gain
(VDD = 28 Vdc, Pout = 90 W PEP, IDQ = 1000 mA,
f1 = 2110 MHz, f2 = 2120 MHz and f1 = 2160 MHz, f2 = 2170 MHz)
Gps
—
13.6
—
dB
Two-Tone Drain Efficiency
(VDD = 28 Vdc, Pout = 90 W PEP, IDQ = 1000 mA,
f1 = 2110 MHz, f2 = 2120 MHz and f1 = 2160 MHz, f2 = 2170 MHz)
η
—
36
—
%
Two-Tone Intermodulation Distortion
(VDD = 28 Vdc, Pout = 90 W PEP, IDQ = 1000 mA,
f1 = 2110 MHz, f2 = 2120 MHz and f1 = 2160 MHz, f2 = 2170 MHz)
IMD
—
-31
—
dBc
Input Return Loss
(VDD = 28 Vdc, Pout = 90 W PEP, IDQ = 1000 mA,
f1 = 2110 MHz, f2 = 2120 MHz and f1 = 2160 MHz, f2 = 2170 MHz)
IRL
—
-12
—
dB
Pout, 1 dB Compression Point
(VDD = 28 Vdc, IDQ = 1000 mA, f = 2170 MHz)
P1dB
—
100
—
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com