Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF21085LSR3 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF21085LSR3
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF21085LSR3 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF21085LSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
RF Device Data
Freescale Semiconductor
MRF21085LR3 MRF21085LSR3
TYPICAL CHARACTERISTICS
−55
−50
−45
−40
−35
−30
−25
10
4
Figure 3. 2-Carrier W-CDMA ACPR, IM3, Power Gain and
Drain Efficiency versus Output Power
Figure 4. Intermodulation Distortion
Products versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
Figure 5. Third Order Intermodulation
Distortion versus Output Power
Pout, OUTPUT POWER (WATTS Avg.) N−CDMA
f, FREQUENCY (MHz)
Figure 6. 2-Carrier W-CDMA Broadband
Performance
Figure 7. CW Performance
0
5
10
15
20
25
30
−55
−50
−45
−40
−35
−30
−25
110
30
VDD = 28 Vdc, IDQ = 1000 mA
f1 = 2135 MHz, f2 = 2145 MHz
3.84 MHz Channel Bandwidth
−45
−60
−50
−40
−30
−25
5
10
25
30
35
45
10
η
4
Pout, OUTPUT POWER (WATTS) PEP
VDD = 28 Vdc
IDQ = 1000 mA
f1 = 2135 MHz
f2 = 2145 MHz
1150 mA
1300 mA
1000 mA
IDQ = 700 mA
850 mA
12
14
16
18
20
22
24
−60
−50
−40
−30
−20
−10
0
2110
2130
2150
2190
VDD = 28 Vdc
Pout = 19 W (Avg.)
IDQ = 1000 mA
Gps
ACPR
η
IRL
Pout, OUTPUT POWER (WATTS)
11.5
12
12.5
13
13.5
14
14.5
0
10
20
30
40
50
60
10
100
2
130
VDD = 28 Vdc
IDQ = 1000 mA
f = 2140 MHz
Gps
η
η
IM3
Gps
ACPR
15
100
−65
7th Order
5th Order
3rd Order
100
VDD = 28 Vdc
f1 = 2135 MHz
f2 = 2145 MHz
2090
2170
IM3
40
34
35
36
37
38
−32
−31
−30
−29
−28
−27
24
25
26
27
28
29
VDD, DRAIN SUPPLY (V)
Figure 8. Two-Tone Intermodulation Distortion and
Drain Efficiency versus Drain Supply
η
IDQ = 1000 mA
f = 2140 MHz
10 MHz Tone Spacing
IMD
39
−26
Peak/Avg. = 8.3 dB @ 0.01% Probability (CCDF)
−55
−35
20
40
41
42
−25
−24
2−Carrier W−CDMA
10 MHz Carrier Spacing
3.84 MHz Channel Bandwidth
Peak/Avg. = 8.3 dB @ 0.01% Probability (CCDF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com