Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF21085LSR3 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRF21085LSR3
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF21085LSR3 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRF21085LSR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
RF Device Data
Freescale Semiconductor
MRF21085LR3 MRF21085LSR3
Table 4. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
(VGS = 0 Vdc, ID = 100 μAdc)
V(BR)DSS
65
—
—
Vdc
Zero Gate Voltage Drain Current
(VDS = 28 Vdc, VGS = 0 Vdc)
IDSS
—
—
10
μAdc
Gate-Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
—
—
1
μAdc
On Characteristics (DC)
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 200 μAdc)
VGS(th)
2
—
4
Vdc
Gate Quiescent Voltage
(VDS = 28 Vdc, ID = 1000 mAdc)
VGS(Q)
3
3.9
5
Vdc
Drain-Source On-Voltage
(VGS = 10 Vdc, ID = 2 Adc)
VDS(on)
—
0.18
0.21
Vdc
Dynamic Characteristics (1)
Reverse Transfer Capacitance
(VDS = 28 Vdc, VGS = 0, f = 1.0 MHz)
Crss
—
3.6
—
pF
Functional Tests (In Freescale Test Fixture, 50 ohm system) 2-carrier W-CDMA, 3.84 MHz Channel Bandwidth Carriers, ACPR and IM3
measured in 3.84 MHz Bandwidth. Peak/Avg. = 8.3 dB @ 0.01% Probability on CCDF.
Common-Source Amplifier Power Gain
(VDD = 28 Vdc, Pout = 19 W Avg., IDQ = 1000 mA, f1 = 2112.5 MHz,
f2 = 2122.5 MHz and f1 = 2157.5 MHz, f2 = 2167.5 MHz)
Gps
12
13.6
—
dB
Drain Efficiency
(VDD = 28 Vdc, Pout = 19 W Avg., IDQ = 1000 mA, f1 = 2112.5 MHz,
f2 = 2122.5 MHz and f1 = 2157.5 MHz, f2 = 2167.5 MHz)
η
20
23
—
%
Third Order Intermodulation Distortion
(VDD = 28 Vdc, Pout = 19 W Avg., IDQ = 1000 mA, f1 = 2112.5 MHz,
f2 = 2122.5 MHz and f1 = 2157.5 MHz, f2 = 2167.5 MHz; IM3
measured over 3.84 MHz BW at f1 -10 MHz and f2 +10 MHz
referenced to carrier channel power.)
IM3
—
-37.5
-35
dBc
Adjacent Channel Power Ratio
(VDD = 28 Vdc, Pout = 19 W Avg., IDQ = 1000 mA, f1 = 2112.5 MHz,
f2 = 2122.5 MHz and f1 = 2157.5 MHz, f2 = 2167.5 MHz; ACPR
measured over 3.84 MHz at f1 -5 MHz and f2 +5 MHz.)
ACPR
—
-41
-38
dBc
Input Return Loss
(VDD = 28 Vdc, Pout = 19 W Avg., IDQ = 1000 mA, f1 = 2112.5 MHz,
f2 = 2122.5 MHz and f1 = 2157.5 MHz, f2 = 2167.5 MHz)
IRL
—
-12
-9
dB
1. Part is internally matched both on input and output.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com