Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF21085LSR3 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MRF21085LSR3
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF21085LSR3 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MRF21085LSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MRF21085LR3 MRF21085LSR3
7
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
Pout, OUTPUT POWER (WATTS) PEP
14.5
12.5
13
13.5
14
10
4
Figure 9. Two-Tone Power Gain versus
Output Power
Figure 10. Two-Tone Broadband Performance
10
15
20
25
30
35
40
−40
−35
−30
−25
−20
−15
−10
2095
2110
2125
2140
2155
2170
2185
IDQ = 1300 mA
1150 mA
700 mA
η
f, FREQUENCY (MHz)
IRL
IDQ = 1000 mA
10 MHz Tone Spacing
Figure 11. Intermodulation Distortion Products
versus Two-Tone Spacing
−20
0.1
1
30
Df, TONE SPACING (kHz)
−30
−35
−40
−45
−50
−55
VDD = 28 Vdc
IDQ = 1000 mA
f = 2140 MHz
VDD = 28 Vdc
Pout = 90 W (PEP)
100
1000 mA
850 mA
VDD = 28 Vdc
f1 = 2135 MHz
f2 = 2145 MHz
7th Order
5th Order
3rd Order
10
−25
IMD
Gps
Figure 12. 2-Carrier W-CDMA Spectrum
f, FREQUENCY (MHz)
3.84 MHz
Channel BW
− IM3 in
3.84 MHz BW
+IM3 in
3.84 MHz BW
− ACPR in
3.84 MHz BW
+ACPR in
3.84 MHz BW
+20
+30
0
−10
−40
−50
−60
−70
−80
−20
20
515
10
0
−5
−10
−15
−20
−25
25
−30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com