Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF21085LSR3 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF21085LSR3
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF21085LSR3 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF21085LSR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF21085LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MRF21085LR3 MRF21085LSR3
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N-Channel Enhancement-Mode Lateral MOSFETs
Designed for W-CDMA base station applications with frequencies from 2110
to 2170 MHz. Suitable for TDMA, CDMA and multicarrier amplifier applica-
tions. To be used in Class AB for PCN - PCS/cellular radio and WLL
applications.
• Typical 2-Carrier W-CDMA Performance: VDD = 28 Volts, IDQ = 1000 mA,
Pout = 19 Watts Avg., Full Frequency Band, Channel Bandwidth = 3.84
MHz, Peak/Avg. = 8.5 dB @ 0.01% Probability on CCDF.
Power Gain — 13.6 dB
Drain Efficiency — 23%
IM3 @ 10 MHz Offset — -37.5 dBc in 3.84 MHz Channel Bandwidth
ACPR @ 5 MHz Offset — -41 dBc in 3.84 MHz Channel Bandwidth
• Capable of Handling 5:1 VSWR, @ 28 Vdc, 2140 MHz, 90 Watts CW
Output Power
Features
• Internally Matched for Ease of Use
• High Gain, High Efficiency and High Linearity
• Integrated ESD Protection
• Designed for Maximum Gain and Insertion Phase Flatness
• Excellent Thermal Stability
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• Available with Low Gold Plating Thickness on Leads. L Suffix Indicates
40μ″ Nominal.
• RoHS Compliant
• In Tape and Reel. R3 Suffix = 250 Units per 56 mm, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5, +65
Vdc
Gate-Source Voltage
VGS
-0.5, +15
Vdc
Total Device Dissipation @ TC = 25°C
Derate above 25°C
PD
224
1.28
W
W/°C
Storage Temperature Range
Tstg
- 65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature
TJ
200
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Case
RθJC
0.78
°C/W
Table 3. ESD Protection Characteristics
Test Conditions
Class
Human Body Model
1 (Minimum)
Machine Model
M3 (Minimum)
Document Number: MRF21085
Rev. 9, 5/2006
Freescale Semiconductor
Technical Data
MRF21085LR3
MRF21085LSR3
2110-2170 MHz, 90 W, 28 V
LATERAL N-CHANNEL
RF POWER MOSFETs
CASE 465-06, STYLE 1
NI-780
MRF21085LR3
CASE 465A-06, STYLE 1
NI-780S
MRF21085LSR3
© Freescale Semiconductor, Inc., 2006. All rights reserved.


Similar Part No. - MRF21085LSR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF21085LSR3 MOTOROLA-MRF21085LSR3 Datasheet
562Kb / 12P
RF Power Field Effect Transistors
logo
Freescale Semiconductor...
MRF21085LSR3 FREESCALE-MRF21085LSR3 Datasheet
197Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF21085LSR3 FREESCALE-MRF21085LSR3_08 Datasheet
197Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results

Similar Description - MRF21085LSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
RF Power Field Effect Transistors
MRF6S9060MR1 FREESCALE-MRF6S9060MR1 Datasheet
630Kb / 16P
RF Power Field Effect Transistors
MRF6S27050HR3 FREESCALE-MRF6S27050HR3 Datasheet
463Kb / 12P
RF Power Field Effect Transistors
MRF18060ALR3 FREESCALE-MRF18060ALR3 Datasheet
393Kb / 12P
RF Power Field Effect Transistors
MRF284LR1 FREESCALE-MRF284LR1 Datasheet
376Kb / 12P
RF Power Field Effect Transistors
MRF21010LR1 FREESCALE-MRF21010LR1_06 Datasheet
383Kb / 8P
RF Power Field Effect Transistors
MRF21125R3 FREESCALE-MRF21125R3 Datasheet
427Kb / 12P
RF Power Field Effect Transistors
MRF6V2300NBR1 FREESCALE-MRF6V2300NBR1 Datasheet
687Kb / 19P
RF Power Field Effect Transistors
MRF6V14300HR3 FREESCALE-MRF6V14300HR3 Datasheet
401Kb / 10P
RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com