Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7116 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MSC7116
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7116 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MSC7116 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
Electrical Characteristics
MSC7116 Data Sheet, Rev. 13
Freescale Semiconductor
23
2.5.2.3
Multiplication Factor Range
The multiplier block output frequency ranges depend on the divided input clock frequency as shown in Table 10.
2.5.2.4
Allowed Core Clock Frequency Range
The frequency delivered to the core, extended core, and peripherals depends on the value of the CLKCTRL[RNG] bit as shown
in Table 11.
This bit along with the CKSEL determines the frequency range of the core clock.
2.5.2.5
Core Clock Frequency Range When Using DDR Memory
The core clock can also be limited by the frequency range of the DDR devices in the system. Table 13 summarizes this
restriction.
Table 10. PLLMLTF Ranges
Multiplier Block (Loop) Output Range
Minimum PLLMLTF Value
Maximum PLLMLTF Value
266
≤ [Divided Input Clock × (PLLMLTF + 1)] ≤ 532 MHz
266/Divided Input Clock
532/Divided Input Clock
Note:
This table results from the allowed range for FLoop. The minimum and maximum multiplication factors are dependent on the
frequency of the Divided Input Clock.
Table 11. Fvco Frequency Ranges
CLKCTRL[RNG] Value
Allowed Range of Fvco
1
266
≤ Fvco ≤ 532 MHz
0
133
≤ Fvco ≤ 266 MHz
Note:
This table results from the allowed range for Fvco, which is FLoop modified by CLKCTRL[RNG].
Table 12. Resulting Ranges Permitted for the Core Clock
CLKCTRL[CKSEL]
CLKCTRL[RNG]
Resulting
Division
Factor
Allowed Range
of Core Clock
Comments
11
1
1
Reserved
Reserved
11
0
2
133
≤ core clock ≤ 266 MHz
Limited by range of PLL
01
1
2
133
≤ core clock ≤ 266 MHz
Limited by range of PLL
01
0
4
66.5
≤ core clock ≤ 133 MHz
Limited by range of PLL
Note:
This table results from the allowed range for FOUT, which depends on clock selected via CLKCTRL[CKSEL].
Table 13. Core Clock Ranges When Using DDR
DDR Type
Allowed Frequency
Range for DDR CK
Corresponding Range
for the Core Clock
Comments
DDR 200 (PC-1600)
83–100 MHz
166
≤ core clock ≤ 200 MHz
Core limited to 2
× maximum DDR frequency
DDR 266 (PC-2100)
DDR 333 (PC-2600)
83–133 MHz
166
≤ core clock ≤ 266 MHz
Core limited to 2
× maximum DDR frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com