Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7116 Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MSC7116
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7116 Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MSC7116 Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 53Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 54Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 55Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 56Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 57Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 58Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 59Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 60Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
Revision History
MSC7116 Data Sheet, Rev. 13
Freescale Semiconductor
59
7
Revision History
Table 36 provides a revision history for this data sheet.
Table 36. Document Revision History
Revision
Date
Description
0
Apr 2004
• Initial public release.
1
May 2004
• Added ordering information and new package options.
2
Aug. 2004
• Updated clock parameter values.
• Updated DDR timing specifications.
• Updated I2C timing specifications.
3
Sep. 2004
• Updated Figures 1-2 and 1-2 to correct HDSP and DBREQ.
• Corrected EE0 port reference.
• Updated ball location for HDSP.
4
Jan. 2005
• Added signal HA3.
• Updated absolute maximum ratings, DDR DRAM capacitance specifications, clock parameters, reset
timing, and TDM timing.
• Added note for timing reference for I2C interface.
• Expanded GPIO timing information.
• Corrected pin T20 and K20 signal designation.
• Corrected signal names to GPAO15 and IRQ2.
• Expanded design guidelines in Chapter 4.
5
Mar. 2005
• Updated features list.
• Updated power specifications.
• Changed CLKIN frequency range.
• Added clock configuration information.
• Updated JTAG timings.
6
Apr. 2005
• Added recommended power supply ratings and updated equations to estimate power consumption.
7
Oct. 2005
• Updated core and total power consumption examples.
8
Dec. 2005
• Added information about the new mask set 1M88B. Affected all sections.
9
Nov. 2006
• Updated arrows in Host DMA Writing Timing figure.
• Updated boot overview in Section 4.4.3.
10
Apr. 2007
• Removed erroneous references to VCCSYN and VCCSYN1.
11
Jul. 2007
• Updated to new data sheet format. Reorganized and renumbered sections, figures, and tables.
• Removed all references to obsolete mask set 1L44X and corresponding specification values.
• Added a note to clarify the definition of TCK timing 700 in new Table 31.
• Reworked reset and boot sections.
• Expanded I2C boot information and added SPI boot information.
• Removed obsolete part numbers.
12
Aug 2007
• The power-up and power-down sequences described in Section 3.2 starting on page 42 have been expanded
to five possible design scenarios/cases. These cases replace the previously recommended
power-up/power-down sequence recommendations. Section 3.2 has been clarified by adding subsection
headings.
13
Apr 2008
• Change the PLL filter resistor from 20
Ω to 2 Ω in Section 3.2.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com