Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7116 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MSC7116
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7116 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MSC7116 Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 48Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 50Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 51Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
Hardware Design Considerations
MSC7116 Data Sheet, Rev. 13
Freescale Semiconductor
49
3.2.7
Power Supply Design
One of the most common ways to derive power is to use either a simple fixed or adjustable linear regulator. For the system I/O
voltage supply, a simple fixed 3.3 V supply can be used. However, a separate adjustable linear regulator supply for the core
voltage VDDC should be implemented. For the memory power supply, regulators are available that take care of all DDR power
requirements.
3.3
Estimated Power Usage Calculations
The following equations permit estimated power usage to be calculated for individual design conditions. Overall power is
derived by totaling the power used by each of the major subsystems:
PTOTAL = PCORE + PPERIPHERALS + PDDRIO + PIO + PLEAKAGE
Eqn. 3
This equation combines dynamic and static power. Dynamic power is determined using the generic equation:
C
× V2 × F × 10–3 mW
Eqn. 4
where,
C = load capacitance in pF
V = peak-to-peak voltage swing in V
F = frequency in MHz
3.3.1
Core Power
Estimation of core power is straightforward. It uses the generic dynamic power equation and assumes that the core load
capacitance is 750 pF, core voltage swing is 1.2 V, and the core frequency is 266 MHz. This yields:
PCORE = 750 pF × (1.2 V)
2
× 266 MHz × 10–3 = 287 mW
Eqn. 5
This equation allows for adjustments to voltage and frequency if necessary.
Table 33. Recommended Power Supply Ratings
Supply
Symbol
Nominal Voltage
Current Rating
Core
VDDC
1.2 V
1.5 A per device
Memory
VDDM
2.5 V
0.5 A per device
Reference
VREF
1.25 V
10 µA per device
I/O
VDDIO
3.3 V
1.0 A per device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com