Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7116 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MSC7116
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7116 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MSC7116 Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
MSC7116 Data Sheet, Rev. 13
Freescale Semiconductor
3
Figure 1. MSC7116 Block Diagram
Boot ROM
(8 KB)
RS-232
APB
64
UART
External
Memory
M2
SRAM
Interrupts
Interrupt Control
HDI16
32
Host
Interface
(HDI16)
External Bus
Timers
2 TDMs
DSP
Extended
Note: The arrows show the
Interface
Port
32
128
32
(192 KB)
SC1400
Core
Cache
Instruction
(16 KB)
Extended
Core
Interface
Unit
Fetch
M1
SRAM
(192 KB)
64
64
128
64
64
TDM
PXA XB
128
64
64
PLL/Clock
PLL/Clock
128
64
128
Trace
Buffer
(8 KB)
to/from OCE10
32
Events
32
IPBus
to DMA
to EMI
Core
AMIC
AMEC
ASM1
ASM2
ASEMI
ASTH
ASAPB
from
IPBus
I2C
I2C
Watchdog
Event Port
BTMs
ASIB
GPIO
GPIO
Ethernet
MAC
AMENT
64
MII/RMII
direction of the transfer.
DMA
(32 Channel)
64
JTAG
JTAG Port
AMDMA
to IPBus
System Ctrl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com