Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7116 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MSC7116
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7116 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MSC7116 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
Hardware Design Considerations
MSC7116 Data Sheet, Rev. 13
Freescale Semiconductor
43
3.2.2.1
Case 1
The power-up sequence is as follows:
1.
Turn on the VDDIO (3.3 V) supply first.
2.
Turn on the VDDC (1.2 V) supply second.
3.
Turn on the VDDM (2.5 V) supply third.
4.
Turn on the VREF (1.25 V) supply fourth (last).
The power-down sequence is as follows:
1.
Turn off the VREF (1.25 V) supply first.
2.
Turn off the VDDM (2.5 V) supply second.
3.
Turn off the VDDC (1.2 V) supply third.
4.
Turn of the VDDIO (3.3 V) supply fourth (last).
Use the following guidelines:
•
Make sure that the time interval between the ramp-down of VDDIO and VDDC is less than 10 ms.
•
Make sure that the time interval between the ramp-up or ramp-down for VDDC and VDDM is less than 10 ms for
power-up and power-down.
•
Refer to Figure 30 for relative timing for power sequencing case 1.
Figure 30. Voltage Sequencing Case 1
Time
Ramp-down
Ramp-up
VDDIO = 3.3 V
VDDM = 2.5 V
VDDC = 1.2 V
VREF = 1.25 V
<10 ms
<10 ms
<10 ms
<10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com