Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8113 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MSC8113
Description  Tri-Core Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8113 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MSC8113 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
MSC8113 Tri-Core Digital Signal Processor Data Sheet, Rev. 0
Electrical Characteristics
Freescale Semiconductor
22
Table 14. AC Timing for SIU Inputs
No.
Characteristic
Ref = CLKIN at 1.1 V
and 100/133 MHz
Units
10
Hold time for all signals after the 50% level of the REFCLK rising edge
0.5
ns
11a
ARTRY/ABB set-up time before the 50% level of the REFCLK rising edge
3.1
ns
11b
DBG/DBB/BG/BR/TC set-up time before the 50% level of the REFCLK rising
edge
3.6
ns
11c
AACK set-up time before the 50% level of the REFCLK rising edge
3.0
ns
11d
TA/TEA/PSDVAL set-up time before the 50% level of the REFCLK rising edge
•
Data-pipeline mode
•
Non-pipeline mode
3.5
4.4
ns
ns
12
Data bus set-up time before REFCLK rising edge in Normal mode
•
Data-pipeline mode
•
Non-pipeline mode
1.9
4.2
ns
ns
131
Data bus set-up time before the 50% level of the REFCLK rising edge in ECC
and PARITY modes
•
Data-pipeline mode
•
Non-pipeline mode
2.0
8.2
ns
ns
141
DP set-up time before the 50% level of the REFCLK rising edge
•
Data-pipeline mode
•
Non-pipeline mode
2.0
7.9
ns
ns
15a
TS and Address bus set-up time before the 50% level of the REFCLK rising edge
•
Extra cycle mode (SIUBCR[EXDD] = 0)
•
No extra cycle mode (SIUBCR[EXDD] = 1)
4.2
5.5
ns
ns
15b
Address attributes: TT/TBST/TSZ/GBL set-up time before the 50% level of the
REFCLK rising edge
•
Extra cycle mode (SIUBCR[EXDD] = 0)
•
No extra cycle mode (SIUBCR[EXDD] = 1)
3.7
4.8
ns
ns
16
PUPMWAIT signal set-up time before the 50% level of the REFCLK rising edge
3.7
ns
17
IRQx setup time before the 50% level; of the REFCLK rising edge3
4.0
ns
18
IRQx minimum pulse width3
6.0 + TREFCLK
ns
Notes:
1.
Timings specifications 13 and 14 in non-pipeline mode are more restrictive than MSC8102 timings.
2.
Values are measured from the 50% TTL transition level relative to the 50% level of the REFCLK rising edge.
3.
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com