Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8113 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MSC8113
Description  Tri-Core Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8113 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MSC8113 Datasheet HTML 10Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
MSC8113 Tri-Core Digital Signal Processor Data Sheet, Rev. 0
Electrical Characteristics
Freescale Semiconductor
14
2.2
Recommended Operating Conditions
Table 3 lists recommended operating conditions. Proper device operation outside of these conditions is not guaranteed.
2.3
Thermal Characteristics
Table 4 describes thermal characteristics of the MSC8113 for the FC-PBGA packages.
Section 4.5, Thermal Considerations provides a detailed explanation of these characteristics.
2.4
DC Electrical Characteristics
This section describes the DC electrical characteristics for the MSC8113. The measurements in Table 5 assume the following
system conditions:
•TA = 25 °C
•
VDD = 1.1 V nominal = 1.07–1.13 VDC
•
VDDH = 3.3 V ± 5% VDC
•
GND
= 0 VDC
Note:
The leakage current is measured for nominal VDDH and VDD.
Table 3. Recommended Operating Conditions
Rating
Symbol
Value
Unit
Core and PLL supply voltage:
VDD
VCCSYN
1.07 to 1.13
V
I/O supply voltage
VDDH
3.135 to 3.465
V
Input voltage
VIN
–0.2 to VDDH+0.2
V
Operating temperature range:
TJ
–40 to 105
°C
Table 4. Thermal Characteristics for the MSC8113
Characteristic
Symbol
FC-PBGA
20
× 20 mm5
Unit
Natural
Convection
200 ft/min
(1 m/s) airflow
Junction-to-ambient1, 2
RθJA
26
21
°C/W
Junction-to-ambient, four-layer board1, 3
RθJA
19
15
°C/W
Junction-to-board (bottom)4
RθJB
9
°C/W
Junction-to-case5
RθJC
0.9
°C/W
Junction-to-package-top6
ΨJT
1
°C/W
Notes:
1.
Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2.
Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
3.
Per JEDEC JESD51-6 with the board horizontal.
4.
Thermal resistance between the die and the printed circuit board per JEDEC JESD 51-8. Board temperature is measured on
the top surface of the board near the package.
5.
Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method
1012.1).
6.
Thermal characterization parameter indicating the temperature difference between package top and the junction temperature
per JEDEC JESD51-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com