Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8113 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MSC8113
Description  Tri-Core Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8113 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MSC8113 Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Electrical Characteristics
MSC8113 Tri-Core Digital Signal Processor Data Sheet, Rev. 0
Freescale Semiconductor
17
2.5.3
Clock and Timing Signals
The following sections include a description of clock signal characteristics. Table 7 shows the maximum frequency values for
internal (Core, Reference, Bus, and DSI) and external (CLKIN and CLKOUT) clocks. The user must ensure that maximum
frequency values are not exceeded.
Figure 7. Start-Up Sequence: VDD Raised Before VDDH with CLKIN Started with VDDH
Table 7. Maximum Frequencies
Characteristic
Maximum in MHz
Core frequency
300/400
Reference frequency (REFCLK)
100/133
Internal bus frequency (BLCK)
100/133
DSI clock frequency (HCLKIN)
•
Core frequency = 300 MHz
•
Core frequency = 400 MHz
HCLKIN
≤ (min{70 MHz, CLKOUT})
HCLKIN
≤ (min{100 MHz, CLKOUT})
External clock frequency (CLKIN or CLKOUT)
100/133
Table 8. Clock Frequencies
Characteristics
Symbol
300 MHz Device
400 MHz Device
MinMax
MinMax
CLKIN frequency
FCLKIN
20
100
20
133.3
BCLK frequency
FBCLK
40
100
40
133.3
Reference clock (REFCLK) frequency
FREFCLK
40
100
40
133.3
Output clock (CLKOUT) frequency
FCLKOUT
40
100
40
133.3
SC140 core clock frequency
FCORE
200
300
200
400
Note:
The rise and fall time of external clocks should be 3 ns maximum
Table 9. System Clock Parameters
Characteristic
Min
Max
Unit
Phase jitter between BCLK and CLKIN
—
0.3
ns
CLKIN frequency
20
see Table 8
MHz
CLKIN slope
—3
ns
PLL input clock (after predivider)
20
100
MHz
Time
o.5 V
3.3 V
1.1 V
VDDH Nominal
PORESET/TRST asserted
VDD Nominal
CLKIN starts toggling
VDD applied
PORESET/TRST deasserted
1
VDDH applied
VDDH = Nominal
VDD = Nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com