Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8113 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MSC8113
Description  Tri-Core Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8113 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MSC8113 Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
Electrical Characteristics
MSC8113 Tri-Core Digital Signal Processor Data Sheet, Rev. 0
Freescale Semiconductor
15
Table 5. DC Electrical Characteristics
Characteristic
Symbol
Min
Typical
Max
Unit
Input high voltage1, all inputs except CLKIN
VIH
2.0
—
3.465
V
Input low voltage1
VIL
GND
0
0.8
V
CLKIN input high voltage
VIHC
2.4
3.0
3.465
V
CLKIN input low voltage
VILC
GND
0
0.8
V
Input leakage current, VIN = VDDH
IIN
–1.0
0.09
1
µA
Tri-state (high impedance off state) leakage current, VIN = VDDH
IOZ
–1.0
0.09
1
µA
Signal low input current, VIL = 0.8 V
2
IL
–1.0
0.09
1
µA
Signal high input current, VIH = 2.0 V
2
IH
–1.0
0.09
1
µA
Output high voltage, IOH = –2 mA,
except open drain pins
VOH
2.0
3.0
—
V
Output low voltage, IOL= 3.2 mA
VOL
—0
0.4
V
Internal supply current:
•
Wait mode
•
Stop mode
IDDW
IDDS
—
—
3753
2903
—
—
mA
mA
Typical power 400 MHz at 1.1 V4
Typical power 300 MHz at 1.1 V4
P—
—
826
676
—
—
mW
mW
Notes:
1.
See Figure 5 for undershoot and overshoot voltages.
2.
Not tested. Guaranteed by design.
3.
Measured for 1.1 V core at 25°C junction temperature.
4.
The typical power values were calculated using a power calculator configured for three cores performing an EFR code with the
device running at the specified operating frequency and a junction temperature of 25°C. No peripherals were included. The
calculator was created using CodeWarrior® 2.5. These values are provided as examples only. Power consumption is
application dependent and varies widely. To assure proper board design with regard to thermal dissipation and maintaining
proper operating temperatures, evaluate power consumption for your application and use the design guidelines in Chapter 4 of
this document and in MSC8102, MSC8122, and MSC8126 Thermal Management Design Guidelines (AN2601).
Figure 5. Overshoot/Undershoot Voltage for VIH and VIL
GND
GND – 0.3 V
GND – 0.7 V
VIL
VIH
Must not exceed 10% of clock period
VDDH + 17%
VDDH + 8%
VDDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com