Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8113 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MSC8113
Description  Tri-Core Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8113 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MSC8113 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8113 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
MSC8113 Tri-Core Digital Signal Processor Data Sheet, Rev. 0
Electrical Characteristics
Freescale Semiconductor
30
2.5.7
TDM Timing
Figure 16. DSI Synchronous Mode Signals Timing Diagram
Table 21. TDM Timing
No.
Characteristic
Expression
1.1 V Core
Units
Min
Max
300
TDMxRCLK/TDMxTCLK
TC1
16
—
ns
301
TDMxRCLK/TDMxTCLK high pulse width
(0.5
± 0.1) × TC
7
—
ns
302
TDMxRCLK/TDMxTCLK low pulse width
(0.5
± 0.1) × TC
7
—
ns
303
TDM receive all input set-up time
1.3
—
ns
304
TDM receive all input hold time
1.0
—
ns
305
TDMxTCLK high to TDMxTDAT/TDMxRCLK output active2,3
2.8
—
ns
306
TDMxTCLK high to TDMxTDAT/TDMxRCLK output
—
10.0
ns
307
All output hold time4
2.5
—
ns
308
TDMxTCLK high to TDmXTDAT/TDMxRCLK output high
impedance2,3
—
10.7
ns
309
TDMxTCLK high to TDMXTSYN output valid2
—9.7
ns
310
TDMxTSYN output hold time4
2.5
—
ns
Notes:
1.
Values are based on a a maximum frequency of 62.5 MHz. The TDM interface supports any frequency below 62.5 MHz.
Devices operating at 300 MHz are limited to a maximum TDMxRCLK/TDMxTCLK frequency of 50 MHz.
2.
Values are based on 20 pF capacitive load.
3.
When configured as an output, TDMxRCLK acts as a second data link. See the MSC8113 Reference Manual for details.
4.
Values are based on 10 pF capacitive load.
HCLKIN
HA[11–29] input signals
All other input signals
HD[0–63] output signals
HTA output signal
HD[0–63] input signals
120
127
123
126
127
122
121
131
130
129
128
133
135
134
132
HCID[0–4] input signals
125
127
127
124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com