Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C32WCS5TG Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24C32WCS5TG
Description  128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32WCS5TG Datasheet(HTML) 1 Page - STMicroelectronics

  M24C32WCS5TG Datasheet HTML 1Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 2Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 3Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 4Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 5Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 6Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 7Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 8Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
September 2008
Rev 15
1/39
1
M24128
M24C64 M24C32
128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
Features
■ Two-wire I2C serial interface
supports 400 kHz protocol
■ Single supply voltages (see Table 1 for root
part numbers):
– 2.5 V to 5.5 V
– 1.8 V to 5.5 V
– 1.7 V to 5.5 V
■ Write Control input
■ Byte and Page Write
■ Random and Sequential Read modes
■ Self-timed programming cycle
■ Automatic address incrementing
■ Enhanced ESD/latch-up protection
■ More than 1 Million write cycles
■ More than 40-year data retention
■ Packages
–ECOPACK® (RoHS compliant)
Table 1.
Device summary
Reference
Part number
Supply voltage
M24128
M24128-BW
2.5 V to 5.5V
M24128-BR
1.8 V to 5.5V
M24128-BF
1.7 V to 5.5V
M24C64
M24C64-W
2.5 V to 5.5V
M24C64-R
1.8 V to 5.5V
M24C64-F
1.7 V to 5.5V
M24C32
M24C32-W
2.5 V to 5.5V
M24C32-R
1.8 V to 5.5V
M24C32-F
1.7 V to 5.5V
PDIP8 (BN)
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
UFDFPN8 (MB)
2 × 3 mm (MLP)
WLCSP (CS)
www.st.com


Similar Part No. - M24C32WCS5TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C32WBN1T STMICROELECTRONICS-M24C32WBN1T Datasheet
149Kb / 19P
64/32 Kbit Serial I²C Bus EEPROM
05-Jan-2005
M24C32WBN3T STMICROELECTRONICS-M24C32WBN3T Datasheet
149Kb / 19P
64/32 Kbit Serial I²C Bus EEPROM
05-Jan-2005
M24C32WBN5T STMICROELECTRONICS-M24C32WBN5T Datasheet
149Kb / 19P
64/32 Kbit Serial I²C Bus EEPROM
05-Jan-2005
M24C32WBN6T STMICROELECTRONICS-M24C32WBN6T Datasheet
149Kb / 19P
64/32 Kbit Serial I²C Bus EEPROM
05-Jan-2005
M24C32WDW1T STMICROELECTRONICS-M24C32WDW1T Datasheet
149Kb / 19P
64/32 Kbit Serial I²C Bus EEPROM
05-Jan-2005
More results

Similar Description - M24C32WCS5TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C64 STMICROELECTRONICS-M24C64 Datasheet
149Kb / 19P
64/32 Kbit Serial I²C Bus EEPROM
05-Jan-2005
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
17-Oct-2006
M24128 STMICROELECTRONICS-M24128_07 Datasheet
347Kb / 38P
128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
18-Dec-2007
M24128-BW STMICROELECTRONICS-M24128-BW Datasheet
396Kb / 40P
128-Kbit serial I²C bus EEPROM
20-Jul-2012
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-WMN6P STMICROELECTRONICS-M24C04-WMN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
Apr-2011
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
128-Kbit serial I2C bus EEPROM
04-Apr-2013
M24128-BFMC6TG STMICROELECTRONICS-M24128-BFMC6TG Datasheet
1Mb / 40P
128-Kbit serial I²C bus EEPROM
04-Apr-2013
M24512-W STMICROELECTRONICS-M24512-W_V01 Datasheet
737Kb / 47P
512-Kbit serial I²C bus EEPROM
06-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com