Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C32WCS5TG Datasheet(PDF) 29 Page - STMicroelectronics

Part # M24C32WCS5TG
Description  128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32WCS5TG Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M24C32WCS5TG Datasheet HTML 25Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 26Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 27Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 28Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 29Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 30Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 31Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 32Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
M24128, M24C64, M24C32
Package mechanical data
29/39
8
Package mechanical data
In order to meet environmental requirements, ST offers the M24C32, M24C64 and M24128
in ECOPACK® packages. These packages have a lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at www.st.com.
Figure 14.
PDIP8 – 8 pin plastic DIP, 0.25 mm lead frame, package outline
1.
Drawing is not to scale.
Table 19.
PDIP8 – 8 pin plastic DIP, 0.25 mm lead frame, package mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ.
Min.
Max.
Typ.
Min.
Max.
A
5.33
0.2098
A1
0.38
0.0150
A2
3.30
2.92
4.95
0.1299
0.1150
0.1949
b
0.46
0.36
0.56
0.0181
0.0142
0.0220
b2
1.52
1.14
1.78
0.0598
0.0449
0.0701
c
0.25
0.20
0.36
0.0098
0.0079
0.0142
D
9.27
9.02
10.16
0.3650
0.3551
0.4000
E
7.87
7.62
8.26
0.3098
0.3000
0.3252
E1
6.35
6.10
7.11
0.2500
0.2402
0.2799
e2.54
–
–
0.1000
–
–
eA
7.62
–
–
0.3000
–
–
eB
10.92
0.4299
L
3.30
2.92
3.81
0.1299
0.1150
0.1500
PDIP-B
A2
A1
A
L
be
D
E1
8
1
c
eA
b2
eB
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com