Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C32WCS5TG Datasheet(PDF) 14 Page - STMicroelectronics

Part # M24C32WCS5TG
Description  128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32WCS5TG Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M24C32WCS5TG Datasheet HTML 10Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 11Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 12Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 13Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 14Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 15Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 16Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 17Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Device operation
M24128, M24C64, M24C32
14/39
4.5
Memory addressing
To start communication between the bus master and the slave device, the bus master must
initiate a Start condition. Following this, the bus master sends the device select code, shown
in Table 3 (on Serial Data (SDA), most significant bit first).
The device select code consists of a 4-bit device type identifier, and a 3-bit Chip Enable
“Address” (E2, E1, E0). To address the memory array, the 4-bit device type identifier is
1010b.
Up to eight memory devices can be connected on a single I2C bus. Each one is given a
unique 3-bit code on the Chip Enable (E0, E1, E2) inputs. When the device select code is
received, the device only responds if the Chip Enable Address is the same as the value on
the Chip Enable (E0, E1, E2) inputs.
The 8th bit is the Read/Write bit (RW). This bit is set to 1 for Read and 0 for Write operations.
If a match occurs on the device select code, the corresponding device gives an
acknowledgment on Serial Data (SDA) during the 9th bit time. If the device does not match
the device select code, it deselects itself from the bus, and goes into Standby mode.
Table 6.
Operating modes
Mode
RW bit WC(1)
1.
X = VIH or VIL.
Bytes
Initial sequence
Current Address
Read
1
X
1
Start, device select, RW = 1
Random Address
Read
0X
1
Start, device select, RW = 0, Address
1
X
reStart, device select, RW = 1
Sequential Read
1
X
≥ 1
Similar to Current or Random Address
Read
Byte Write
0
VIL
1
Start, device select, RW = 0
Page Write
0
VIL
≤ 32 for M24C64
and M24C32
Start, device select, RW = 0
≤ 64 for M24128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com