Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C32WCS5TG Datasheet(PDF) 37 Page - STMicroelectronics

Part # M24C32WCS5TG
Description  128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32WCS5TG Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M24C32WCS5TG Datasheet HTML 31Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 32Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 33Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 34Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 35Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 36Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 37Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 38Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
M24128, M24C64, M24C32
Revision history
37/39
29-Jun-2006
7
Document converted to new ST template.
M24C32 and M24C64 products (4.5 to 5.5V supply voltage) removed.
M24C64 and M24C32 products (1.7 to 5.5V supply voltage) added.
Section 2.3: Chip Enable (E0, E1, E2) and Section 2.4: Write Control
(WC) modified, Section 2.6: Supply voltage (VCC) added and replaces
Power On Reset: VCC Lock-Out Write Protect section.
TA added, Note 1 updated and TLEAD specified for PDIP packages in
Table 7: Absolute maximum ratings.
ICC0 added, ICC voltage conditions changed and ICC1 specified over the
whole voltage range in Table 13: DC characteristics (M24xxx-W, device
grade 6).
ICC0 added, ICC frequency conditions changed and ICC1 specified over
the whole voltage range in Table 15: DC characteristics (M24xxx-R -
device grade 6).
tW modified in Table 17: AC characteristics (M24xxx-W6, M24xxW3,
M24xxR6).
SO8N package specifications updated (see Figure 15 and Table 20).
Device grade 5 added, B and P Process letters added to Table 24:
Ordering information scheme. Small text changes.
03-Jul-2006
8
ICC1 modified in Table 13: DC characteristics (M24xxx-W, device grade
6).
Note 1 added to Table 16: DC characteristics (M24xxx-F) and table title
modified.
17-Oct-2006
9
UFDFPN8 package specifications updated (see Table 22). M24128-BW-
and M24128-BR part numbers added.
Generic part number corrected in Features on page 1.
ICC0 corrected in Table 14 and Table 13.
Packages are ECOPACK® compliant.
27-Apr-2007
10
Available packages and temperature ranges by product specified in
Table 25, Table 26 and Table 27.
Notes modified below Table 12: Input parameters.
VIH max modified in DC characteristics tables (see Table 13, Table 14,
Table 15 and Table 16).
C process code added to Table 24: Ordering information scheme.
For M24xxx-R (1.8 V to 5.5 V range) products assembled from July 2007
on, tW will be 5 ms (see Table 17: AC characteristics (M24xxx-W6,
M24xxW3, M24xxR6).
27-Nov-2007
11
Small text changes. Section 2.5: VSS ground and Section 4.9: ECC
(error correction code) and write cycling added.
VIL and VIH modified in Table 15: DC characteristics (M24xxx-R - device
grade 6).
JEDEC standard reference updated below Table 7: Absolute maximum
ratings.
Package mechanical data inch values calculated from mm and rounded
to 4 decimal digits (see Section 8: Package mechanical data).
Table 28.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com