Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C32WCS5TG Datasheet(PDF) 36 Page - STMicroelectronics

Part # M24C32WCS5TG
Description  128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32WCS5TG Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M24C32WCS5TG Datasheet HTML 31Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 32Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 33Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 34Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 35Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 36Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 37Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 38Page - STMicroelectronics M24C32WCS5TG Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Revision history
M24128, M24C64, M24C32
36/39
10
Revision history
Table 28.
Document revision history
Date
Revision
Changes
22-Dec-1999
2.3
TSSOP8 package in place of TSSOP14 (pp 1, 2, OrderingInfo,
PackageMechData).
28-Jun-2000
2.4
TSSOP8 package data corrected
31-Oct-2000
2.5
References to Temperature Range 3 removed from Ordering Information
Voltage range -S added, and range -R removed from text and tables
throughout.
20-Apr-2001
2.6
Lead Soldering Temperature in the Absolute Maximum Ratings table
amended
Write Cycle Polling Flow Chart using ACK illustration updated
References to PSDIP changed to PDIP and Package Mechanical data
updated
16-Jan-2002
2.7
Test condition for ILI made more precise, and value of ILI for E2-E0 and
WC added
-R voltage range added
02-Aug-2002
2.8
Document reformatted using new template.
TSSOP8 (3x3mm² body size) package (MSOP8) added.
5ms write time offered for 5V and 2.5V devices
04-Feb-2003
2.9
SO8W package removed. -S voltage range removed
27-May-2003
2.10
TSSOP8 (3x3mm² body size) package (MSOP8) removed
22-Oct-2003
3.0
Table of contents, and Pb-free options added. Minor wording changes in
Summary Description, Power-On Reset, Memory Addressing, Write
Operations, Read Operations. VIL(min) improved to -0.45V.
01-Jun-2004
4.0
Absolute Maximum Ratings for VIO(min) and VCC(min) improved.
Soldering temperature information clarified for RoHS compliant devices.
Device Grade clarified
04-Nov-2004
5.0
Product List summary table added. Device Grade 3 added. 4.5-5.5V
range is Not for New Design. Some minor wording changes. AEC-Q100-
002 compliance. tNS(max) changed. VIL(min) is the same on all input
pins of the device. ZWCL changed.
05-Jan-2005
6.0
UFDFPN8 package added. Small text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com