Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC2G66 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LVC2G66
Description  2-channel Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC2G66 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74LVC2G66 Datasheet HTML 2Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 3Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 4Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 5Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 6Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 7Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 8Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 9Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HD74LVC2G66
Rev.3.00 Jul 07, 2005 page 6 of 11
Analog Switch Characteristics
Ta = 25°C
Item
VCC (V)
Min
Typ
Max
Unit
Test conditions
FROM
(Input)
TO
(Output)
1.65
—
35
—
2.3
—
120
—
3.0
—
175
—
4.5
—
195
—
CL = 50 pF,
RL = 600
Ω
1.65
—
>300
—
2.3
—
>300
—
3.0
—
>300
—
Frequency response
(Switch ON)
4.5
—
>300
—
MHz
CL = 5 pF,
RL = 50
Ω
Adjust fin voltage to
obtain 0dBm at output
when fin is 1MHz (sine
wave).
Increase fin frequency
until the dB–meter
reads –3 dBm.
20 log(VO/VI)= –3 dBm
INOUT or
OUTIN
OUTIN or
INOUT
1.65
—
–58
—
2.3
—
–58
—
3.0
—
–58
—
4.5
—
–58
—
CL = 50 pF,
RL = 600
Ω
1.65
—
–42
—
2.3
—
–42
—
3.0
—
–42
—
Crosstalk
(between switches)
4.5
—
–42
—
dB
CL = 5 pF,
RL = 50
Ω
Adjust fin voltage to
obtain 0dBm at input
when fin is 1MHz (sine
wave).
INOUT or
OUTIN
OUTIN or
INOUT
1.65
—
35
—
2.3
—
50
—
3.0
—
70
—
Crosstalk
(Control input to signal
output)
4.5
—
100
—
mV
CL = 50 pF,
RL = 600
Ω
Adjust RL value to
obtain 0A at IIN/OUT
when fin is 1MHz
(square wave)
CONT
OUTIN or
INOUT
1.65
—
–58
—
2.3
—
–58
—
3.0
—
–58
—
4.5
—
–58
—
CL = 50 pF,
RL = 600
Ω
1.65
—
–42
—
2.3
—
–42
—
3.0
—
–42
—
Feed through
attenuation
(Switch OFF)
4.5
—
–42
—
dB
CL = 5 pF,
RL = 50
Ω
Adjust fin voltage to
obtain 0dBm at input
when fin is 1MHz
(sine–wave)
INOUT or
OUTIN
OUTIN or
INOUT
1.65
—
0.1
—
2.3
—
0.025 —
3.0
—
0.015 —
4.5
—
0.01
—
CL = 50 pF,
RL = 10 k
Ω
fin = 1kHz
(sine–wave)
1.65
—
0.15
—
2.3
—
0.025 —
3.0
—
0.015 —
Sine–wave distortion
4.5
—
0.01
—
%
CL = 50 pF,
RL = 10 k
Ω
fin = 10kHz
(sine–wave)
VI=1.4VP–P, VCC=1.65V
VI=2.0VP–P, VCC=2.3V
VI=2.5VP–P, VCC=3.0V
VI=4.0VP–P, VCC=4.5V
INOUT or
OUTIN
OUTIN or
INOUT
Operating Characteristics
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
1.8
—
8
—
2.5
—
9
—
3.3
—
9.5
—
Power dissipation
capacitance
CPD
5.0
—
11
—
pF
f = 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com