Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC2G66 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74LVC2G66
Description  2-channel Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC2G66 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74LVC2G66 Datasheet HTML 4Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 5Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 6Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 7Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 8Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 9Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 10Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 11Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HD74LVC2G66
Rev.3.00 Jul 07, 2005 page 9 of 11
Frequency response (Switch ON)
VCC
V = V
0.1
µF
C
VIN
VOUT
IH
VCC
fin
f
= sine wave
in
GND
(ON)
C = 50 pF
L
R = 600
L
Ω
R = 50
L
Ω
V
/2
CC
Crosstalk (Between any switches)
V
/2
CC
VCC
0.1
µF
VIN
VOUT1
V
/2
CC
V =V
C
IL
V =V
C
IH
VCC
fin
GND
(ON)
C = 50 pF or 5 pF
L
R = 600
Ω
or 50
L
Ω
R = 600
Ω
or 50
L
Ω
R = 600
Ω
or 50
L
Ω
R = 600
Ω
or 50
L
Ω
R = 50
Ω
L
VCC
VOUT2
V
/2
CC
VCC
GND
(OFF)
C = 50 pF or 5 pF
L
or 50
Ω
or 5 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com