Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC2G66 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LVC2G66
Description  2-channel Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC2G66 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LVC2G66 Datasheet HTML 1Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 2Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 3Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 4Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 5Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 6Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 7Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 8Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev.3.00 Jul 07, 2005 page 1 of 11
HD74LVC2G66
2–channel Analog Switch
REJ03D0024–0300
Rev.3.00
Jul.07.2005
Description
The HD74LVC2G66 has 2–channel analog switch in an 8-pin package. Each switch section has its own enable input
control (C
ONT). High-level voltage applied to CONT turns on associated switch section. Low voltage and high-speed
operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption
extends the battery life.
Features
• The basic gate function is lined up as renesas uni logic series.
• Supply voltage range: 1.65 to 5.5 V
• Operating temperature range: –40 to +85°C
• Control inputs: V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LVC2G66CPE
SXBG0008KA-A
(TBS-8V)
CP
HD74LVC2G66CLE
WCSP-8 pin
SXBG0008KB-A
(TBS-8AV)
CL
E (3,000 pcs/reel)
Article Indication
E 6 6 Y M
Marking
Year code
Month code
Function Table
Control
Switch
L
OFF
H
ON
H : High level
L : Low level


Similar Part No. - HD74LVC2G66

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC2G00 RENESAS-HD74LVC2G00 Datasheet
63Kb / 8P
Dual 2-Input NAND Gate
HD74LVC2G00CLE RENESAS-HD74LVC2G00CLE Datasheet
63Kb / 8P
Dual 2-Input NAND Gate
HD74LVC2G126 RENESAS-HD74LVC2G126 Datasheet
2Mb / 8P
Dual Bus Buffer with 3-state Output
HD74LVC2G126CLE RENESAS-HD74LVC2G126CLE Datasheet
2Mb / 8P
Dual Bus Buffer with 3-state Output
HD74LVC2G53 RENESAS-HD74LVC2G53 Datasheet
3Mb / 12P
2-channel Analog Multiplexer/Demultiplexer
More results

Similar Description - HD74LVC2G66

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2G66A RENESAS-HD74LV2G66A Datasheet
99Kb / 12P
2-channel Analog Switch
HD74ALVC2G66 RENESAS-HD74ALVC2G66 Datasheet
85Kb / 14P
2-channel Analog Switch
HD74LV2GT66A RENESAS-HD74LV2GT66A Datasheet
95Kb / 10P
2-channel Analog Switch
HD74LV2G66A RENESAS-HD74LV2G66A_15 Datasheet
123Kb / 14P
2?밹hannel Analog Switch
HD74LV2GT66A RENESAS-HD74LV2GT66A_15 Datasheet
118Kb / 12P
2?밹hannel Analog Switch
HD74ALVC2G66 RENESAS-HD74ALVC2G66_15 Datasheet
111Kb / 16P
2-channel Analog Switch
logo
Texas Instruments
TS5A23166 TI1-TS5A23166_15 Datasheet
1Mb / 31P
Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
TS5MP646 TI1-TS5MP646 Datasheet
1Mb / 30P
Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
logo
AiT Semiconductor Inc.
A4705 AITSEMI-A4705 Datasheet
674Kb / 14P
ANALOG SWITCH 0.65, 2-CH SPDT ANALOG SWITCH
REV1.0 - OCT 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com