Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC2G66 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD74LVC2G66
Description  2-channel Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC2G66 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD74LVC2G66 Datasheet HTML 4Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 5Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 6Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 7Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 8Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 9Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 10Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 11Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
HD74LVC2G66
Rev.3.00 Jul 07, 2005 page 11 of 11
Package Dimensions
D
C
B
2
1
A
Pin#1 index area
1
y
C
C
y
C
Seating plane
A
B
0.20
0.05
0.50
0.90
A 2
0.50
TBS-8V
RENESAS Code
JEITA Package Code
Previous Code
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
0.19
0.20
0.35
0.05
0.20
0.0014g
MASS[Typ.]
1
Z
y
x
D
A
A
E
e
Z
b
S-XFBGA8-0.9x1.9-0.50
SXBG0008KA-A
1
y
0.10
0.15
0.17
0.15
1.90
E
D
CA B
C
b8
× φ
φ × M
φ × M
D
D
e
Z
SXBG0008KB-A
S-XFBGA8-0.9x1.9-0.50
MASS[Typ.]
0.0015g
Previous Code
JEITA Package Code
RENESAS Code
TBS-8AV
0.20
0.05
0.50
0.90
A 2
0.50
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
0.25
0.20
(0.315)
0.05
0.20
1
Z
y
x
D
A
A
E
e
Z
b
1
y
0.155
0.185
0.20
1.90
*
E
D
D
C
B
2
1
A
Pin#1 index area
1
y
C
C
y
C
Seating plane
A
B
* Reference value.
CA B
C
b8
× φ
φ × M
φ × M
D
D
e
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com