Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC2G66 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LVC2G66
Description  2-channel Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC2G66 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LVC2G66 Datasheet HTML 1Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 2Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 3Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 4Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 5Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 6Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 7Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 8Page - Renesas Technology Corp HD74LVC2G66 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HD74LVC2G66
Rev.3.00 Jul 07, 2005 page 3 of 11
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
VCC
1.65
5.5
V
Input voltage range
VI
0
5.5
V
Output voltage range
VO
0
VCC
V
0
20
VCC = 1.65 to 1.95 V,
2.3 to 2.7 V
0
10
VCC = 3.0 to 3.6 V
Input transition rise or fall rate
∆t / ∆v
0
10
ns / V
VCC = 4.5 to 5.5 V
Operating free-air temperature
Ta
–40
85
°C
Note:
Unused or floating inputs must be held high or low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com