Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235G2V-12UI Datasheet(PDF) 24 Page - STMicroelectronics

Part # PSD4235G2V-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-12UI Datasheet(HTML) 24 Page - STMicroelectronics

Back Button PSD4235G2V-12UI Datasheet HTML 20Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 21Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 22Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 23Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 24Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 25Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 26Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 27Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 89 page
background image
PSD4235G2
24/89
Table 30. Status Bits
Table 31. Status Bits for Motorola
Note: 1. X = Not guaranteed value, can be read either 1 or 0.
2. DQ15-DQ0 represent the Data Bus bits, D15-D0.
3. FS0-FS7/CSBOOT0-CSBOOT3 are active High.
Data Polling (DQ7) – DQ15 for Motorola.
When erasing or programming in Flash memory,
the Data Polling (DQ7/DQ15) bit outputs the com-
plement of the bit being entered for programming/
writing on the DQ7/DQ15 bit. Once the Program
instruction or the Write operation is completed, the
true logic value is read on the Data Polling (DQ7/
DQ15) bit (in a Read operation).
s
Data Polling is effective after the fourth Write
pulse (for a Program instruction) or after the
sixth Write pulse (for an Erase instruction). It
must be performed at the address being
programmed or at an address within the Flash
memory sector being erased.
s
During an Erase cycle, the Data Polling (DQ7/
DQ15) bit outputs a 0. After completion of the
cycle, the Data Polling (DQ7/DQ15) bit outputs
the last bit programmed (it is a 1 after erasing).
s
If the location to be programmed is in a
protected Flash memory sector, the instruction
is ignored.
s
If all the Flash memory sectors to be erased are
protected, the Data Polling (DQ7/DQ15) bit is
reset to 0 for about 100 µs, and then returns to
the value from the previously addressed
location. No erasure is performed.
Toggle Flag (DQ6) – DQ14 for Motorola. The
PSD offers another way for determining when the
Flash memory Program cycle is completed. During
the internal Write operation and when either FS0-
FS7 or CSBOOT0-CSBOOT3 is true, the Toggle
Flag (DQ6/DQ14) bit toggles from 0 to 1 and 1 to
0 on subsequent attempts to read any word of the
memory.
When the internal cycle is complete, the toggling
stops and the data read on the Data Bus D0-D7 is
the value from the addressed memory location.
The device is now accessible for a new Read or
Write operation. The cycle is finished when two
successive Reads yield the same output data.
s
The Toggle Flag (DQ6/DQ14) bit is effective
after the fourth Write pulse (for a Program
instruction) or after the sixth Write pulse (for an
Erase instruction).
s
If the location to be programmed belongs to a
protected Flash memory sector, the instruction
is ignored.
s
If all the Flash memory sectors selected for
erasure are protected, the Toggle Flag (DQ6/
DQ14) bit toggles to 0 for about 100 µs and then
returns to the value from the previously
addressed location.
Error Flag (DQ5) – DQ13 for Motorola. During
a normal Program or Erase cycle, the Error Flag
(DQ5/DQ13) bit is reset to 0. This bit is set to 1
when there is a failure during a Flash memory Pro-
gram, Sector Erase, or Bulk Erase cycle.
In the case of Flash memory programming, the Er-
ror Flag (DQ5/DQ13) bit indicates the attempt to
program a Flash memory bit, or bits, from the pro-
grammed state, 0, to the erased state, 1, which is
not a valid operation. The Error Flag (DQ5/DQ13)
bit may also indicate a Time-out condition while at-
tempting to program a word.
In case of an error in a Flash memory Sector Erase
or Word Program cycle, the Flash memory sector
in which the error occurred or to which the pro-
grammed location belongs must no longer be
used. Other Flash memory sectors may still be
used. The Error Flag (DQ5/DQ13) bit is reset after
a Reset instruction. A Reset instruction is required
after detecting an error on the Error Flag (DQ5/
DQ13) bit.
Erase Time-out Flag (DQ3) – DQ11 for Motoro-
la. The Erase Time-out Flag (DQ3/DQ11) bit re-
flects the time-out period allowed between two
consecutive Sector Erase instructions. The Erase
Time-out Flag (DQ3/DQ11) bit is reset to 0 after a
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Data Polling
Toggle Flag
Error Flag
X
Erase Time-
out
XXX
DQ15
DQ14
DQ13
DQ12
DQ11
DQ10
DQ9
DQ8
Data Polling
Toggle Flag
Error Flag
X
Erase Time-
out
XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com