Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235G2V-12UI Datasheet(PDF) 49 Page - STMicroelectronics

Part # PSD4235G2V-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-12UI Datasheet(HTML) 49 Page - STMicroelectronics

Back Button PSD4235G2V-12UI Datasheet HTML 45Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 46Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 47Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 48Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 49Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 50Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 51Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 52Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
49/89
PSD4235G2
Figure 26. Interfacing the PSD with a C167CR
XTAL1
XTAL2
P8.0/CC16IO
P8.1/CC17IO
P8.2/CC18IO
P8.3/CC19IO
P8.4/CC20IO
P8.5/CC21IO
P8.6/CC22IO
P8.7/CC23IO
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
PF0
PF1
PF2
PF3
PF4
PF5
PF6
PF7
PG0
PG1
PG2
PG3
PG4
PG5
PG6
PG7
PA0
PA2
PA1
PA3
PA4
PA5
PA6
PA7
AD8
AD9
AD10
AD11
AD12
AD13
AD14
AD15
ADIO0
ADIO1
ADIO2
ADIO3
ADIO4
ADIO5
ADIO6
ADIO7
ADIO8
ADIO9
ADIO10
ADIO11
ADIO12
ADIO13
ADIO14
ADIO15
CNTL0 (WR)
CNTL1 (RD)
CNTL2 (BHE)
PD0 (ALE)
PD1 (CLKIN)
PD2 (CSI)
RESET
RD
WR/WRL
P312/BHE/WRH
ALE
RESET
31
32
33
34
35
36
37
38
3
138
137
9
10
11
12
13
14
15
16
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
4
5
6
7
10
11
12
13
14
15
16
17
18
19
20
59
39
60
40
79
80
1
21
22
23
24
25
26
27
28
PSD
C167CR
A19-A16
A[ 19:16]
95
96
79
98
RD
WR
BHE
ALE
RESET
51
52
53
54
55
56
57
58
AI04955
AD15-AD0
AD[ 15:0]
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PC0
PC2
PC1
PC3
PC4
PC5
PC6
PC7
61
62
63
64
65
66
67
68
41
42
43
44
45
46
47
48
PD3 (WRH)
2
PE0 (TMS)
PE1 (TCK/ST)
PE2 (TDI)
PE3 (TDO)
PE4 (TSTAT/RDY)
PE5 (TERR)
PE6 (VSTBY)
PE7 (VBATON)
71
72
73
74
75
76
77
78
8
30495070
GND
GND
GND
GND
GND
929
69
VCC
VCC
VCC
VCC
AD8
AD9
AD10
AD11
AD12
AD13
AD14
AD15
100
101
102
103
104
105
106
107
108
111
112
113
114
115
116
117
P4.0/A16
P4.1/A17
P4.2/A18
P4.3/A19
85
86
87
88
140
EA
99
RSTIN
P7.0/POUT0
P7.1/POUT1
P7.2/POUT2
P7.3/POUT3
P7.4/CC28IO
P7.5/CC29IO
P7.6/CC30IO
P7.7/CC31IO
19
20
21
22
23
24
25
26
P6.0/!CS0
P6.1/!CS1
P6.2/!CS2
P6.3/!CS3
P6.4/!CS4
P6.5/!HOLD
P6.6/!HLDA
P6.7/!BREQ
1
2
3
4
5
6
7
8
A16
A17
A18
A19
A16
A17
A18
A19
P5.8/AN8
P5.9/AN9
P5.10/AN10/T6UED
P5.11/AN11/T5UED
P5.12/AN12/T6IN
P5.13/AN13
P5.14/AN14/T4UED
P5.15/AN15/T2UED
35
36
39
40
41
42
43
44
P5.0/AN0
P5.1/AN1
P5.2/AN2
P5.3/AN3
P5.4/AN4
P5.5/AN5
P5.6/AN6
P5.7/AN7
27
28
29
30
31
32
33
34
P3.8/MRST
P3.9/MTSR
P3.10/TXD0
P3.11/RXD0
P3.12
P3.13/SCLK
P3.15/CLKOUT
75
76
77
78
79
80
81
P3.0/T0IN
P3.1/T6OUT
P3.2/CAPIN
P3.3/T3OUT
P3.4/T3UED
P3.5/T4IN
P3.6/T3IN
P3.7/T2IN
65
66
67
68
69
70
73
74
Vref
READY
37
97
P1H7
P1H6
P1H5
P1H4
P1H3
P1H2
P1H1
P1H0
135
134
133
132
131
130
129
128
P1L7
P1L6
P1L5
P1L4
P1L3
P1L2
P1L1
P1L0
125
124
123
122
121
120
119
118
P2.0/CC0IO
P2.1/CC1IO
P2.2/CC2IO
P2.3/CC3IO
P2.4/CC4IO
P2.5/CC5IO
P2.6/CC6IO
P2.7/CC7IO
47
48
49
50
51
52
53
54
P2.8/CC8IO/EX0IN
P2.9/CC9IO/EX1IN
P2.10/CC10IO/EX2IN
P2.11/CC11IO/EX3IN
P2.12/CC12IO/EX4IN
P2.13/CC13IO/EX5IN
P2.14/CC14IO/EX6IN
P2.15/CC15IO/EX7IN
57
58
59
60
61
62
63
64
RSTOUT
NMI
141
142
P4.4/A20
P4.5/A21
P4.6/A22
P4.7/A23
89
90
91
92
143139127110 94 83 71 55 45 18
VssVssVssVssVssVssVssVssVssVss
AGND
38
144136129109 93 82 72 56 46 17
VccVccVccVccVccVccVccVccVccVcc
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com