Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235G2V-12UI Datasheet(PDF) 44 Page - STMicroelectronics

Part # PSD4235G2V-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-12UI Datasheet(HTML) 44 Page - STMicroelectronics

Back Button PSD4235G2V-12UI Datasheet HTML 40Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 41Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 42Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 43Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 44Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 45Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 46Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 47Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 89 page
background image
PSD4235G2
44/89
Figure 22. Interfacing the PSD with an MC68331
MC683xx and MC68HC16. Figure 22 shows a
MC68331 with a 16-bit non-multiplexed data bus
and 24-bit address bus. The data bus from the
MC68331 is connected to Port F (D0-D7) and Port
G (D8-D15). The SIZ0 and A0 inputs determine
the high/low byte selection. The R/W, DS and SIZ0
signals are connected to the CNTL0-CNTL2 pins.
The MC68HC16, and other members of the
MC683xx family, has the same bus connection to
the PSD as the MC68331 shown in Figure 22.
VCC_BAR
D[15:0]
A16
A5
D1
D13
DS\
AS
A8
D12
A1
A18
A19
A23
D4
D12
D8
A22
D7
D3
A[23:0]
D3
D11
A16
A17
D14
D13
A3
D2
D5
A19
A0
A12
D2
A4
R/W\
D6
D5
RESET\
A7
A2
A13
A14
A15
D7
D9
D10
D15
D4
A17
A6
SIZ0
D10
D15
A18
A21
A11
D0
D1
D6
D11
D14
D9
D0
A20
D8
A9
A10
MC68331
A1
20
A2
21
A3
22
A4
23
A5
24
A6
25
A7
26
A8
27
A9
30
A10
31
A11
32
A12
33
A13
35
A14
36
A15
37
A16
38
A17
41
A18
42
A19_CS6/
121
A20_CS7/
122
A21_CS8/
123
A22_CS9/
124
A23_CS10/
125
R_W
79
AS
82
D0
111
D1
110
D2
109
D4
105
D5
104
D6
103
D7
102
D8
100
D9
99
D10
98
D11
97
D13
93
D14
92
D15
91
A0
90
D3
108
D12
94
DS
85
SIZ0
81
SIZ1
80
CSBOOT/
112
BR_CS0/
113
BG_CS1/
114
BGACK_CS2/
115
FC0_CS3/
118
FC1_CS4/
119
FC2_CS5/
120
RESET
68
DSACK0
89
DSACK1
88
CLKOUT
66
IRQ1
77
IRQ2
76
IRQ3
75
IRQ4
74
IRQ5
73
IRQ6
72
IRQ7
71
PSD
ADIO0
3
ADIO1
4
ADIO2
5
ADIO3
6
ADIO4
7
ADIO5
10
ADIO6
11
ADIO7
12
ADIO9
14
ADIO10
15
ADIO11
16
ADIO12
17
ADIO13
18
ADIO14
19
ADIO15
20
PF0
31
PF1
32
PF2
33
PF3
34
PF4
35
PF5
36
PF6
37
PF7
38
PG1
22
PG2
23
PG3
24
PG4
25
PG5
26
PG6
27
PG7
28
PA5
56
PA6
57
PA7
58
CNTL0(R/W)
59
CNTL1(DS)
60
CNTL2 (SIZ0)
40
PD0 (AS)
79
RESET
39
ADIO8
13
PG0
21
PA3
54
PA4
55
PA2
53
PA0
51
PA1
52
PB0
61
PB1
62
PB2
63
PB3
64
PB4
65
PB5
66
PB6
67
PB7
68
PC0
41
PC1
42
PC2
43
PC3
44
PC4
45
PC5
46
PC6
47
PC7
48
PE0 (TMS)
71
PE1 (TCK/ST)
72
PE2 (TDI)
73
PE3 (TDO)
74
PE4 (TSTAT/RDY)
75
PE5 (TERR)
76
PE7 (VBATON)
78
PD2 (CSI)
1
PD1 (CLKIN)
80
PD3
2
PE6 (VSTBY)
77
RESET\
A[23:0]
D[15:0]
AI04951b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com