Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235G2V-12UI Datasheet(PDF) 38 Page - STMicroelectronics

Part # PSD4235G2V-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-12UI Datasheet(HTML) 38 Page - STMicroelectronics

Back Button PSD4235G2V-12UI Datasheet HTML 34Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 35Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 36Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 37Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 38Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 39Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 40Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 41Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 89 page
background image
PSD4235G2
38/89
Figure 16. Input Macrocell
External Chip Select. The CPLD also provides
eight External Chip Select (ECS0-ECS7) outputs
that can be used to select external devices. Each
External Chip Select (ECS0-ECS7) consists of
one product term that can be configured active
High or Low.
The output enable of the pin is controlled by either
the output enable product term or the Direction
Register. (See Figure 17.)
Figure 17. External Chip Select Signal
OUTPUT
MACROCELLS A
AND
MACROCELLS B
PT
PT
FEEDBACK
PORT
DRIVER
I/O PIN
INTERNAL DATA BUS
DIRECTION
REGISTER
MUX
MUX
ALE/AS
PT
Q
Q
D
D
G
LATCH
INPUT MACROCELL
ENABLE (.OE)
D FF
INPUT MACROCELL _ RD
AI04926
POLARITY
BIT
PORT PIN
ECS PT
ECS
To Port C or F
ENABLE (.OE) PT
DIRECTION
REGISTER
Port C or Port F
AI04927



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com