Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235G2V-12UI Datasheet(PDF) 40 Page - STMicroelectronics

Part # PSD4235G2V-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-12UI Datasheet(HTML) 40 Page - STMicroelectronics

Back Button PSD4235G2V-12UI Datasheet HTML 36Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 37Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 38Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 39Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 40Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 41Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 42Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 43Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 89 page
background image
PSD4235G2
40/89
MCU BUS INTERFACE
The “no-glue logic” MCU Bus Interface block can
be directly connected to most popular MCUs and
their control signals. Key 16-bit MCUs, with their
bus types and control signals, are shown in Table
34. The MCU interface type is specified using the
PSDsoft Express.
PSD Interface to a Multiplexed Bus. Figure 19
shows an example of a system using a MCU with
a 16-bit multiplexed bus and a PSD4235G2. The
ADIO port on the PSD is connected directly to the
MCU address/data bus. Address Strobe (ALE/AS,
PD0) latches the address signals internally.
Latched addresses can be brought out to Port E, F
or G. The PSD drives the ADIO data bus only
when one of its internal resources is accessed and
Read Strobe (RD, CNTL1) is active. Should the
system address bus exceed sixteen bits, Ports A,
B, C, or F may be used as additional address in-
puts.
PSD Interface to a Non-Multiplexed 8-Bit Bus.
Figure 20 shows an example of a system using a
MCU with a 16-bit non-multiplexed bus and a
PSD4235G2. The address bus is connected to the
ADIO Port, and the data bus is connected to Ports
F and G. Ports F and G are in tri-state mode when
the PSD is not accessed by the MCU. Should the
system address bus exceed sixteen bits, Ports A,
B, or C may be used for additional address inputs.
Table 34. MCUs and their Control Signals
Note: 1. Unused CNTL2 pin can be configured as CPLD input. Other unused pins (PD3-PD0, PF3-PF0) can be configured for other I/O func-
tions.
2. ALE/AS input is optional for MCUs with a non-multiplexed bus
MCU
CNTL0
CNTL1
CNTL2
PD3
PD02
ADIO0
PF3-PF0
68302, 68306, MMC2001
R/W
LDS
UDS
(Note 1)
AS
—
(Note 1)
68330, 68331, 68332, 68340
R/W
DS
SIZ0
(Note 1)
AS
A0
(Note 1)
68LC302, MMC2001
WEL
OE
—WEH
AS
—
(Note 1)
68HC16
R/W
DS
SIZ0
(Note 1)
AS
A0
(Note 1)
68HC912
R/W
E
LSTRB
DBE
EA0
(Note 1)
68HC812 3
R/W
E
LSTRB
(Note 1)
(Note 1)
A0
(Note 1)
80196
WR
RD
BHE
(Note 1)
ALE
A0
(Note 1)
80196SP
WRL
RD
(Note 1)
WRH
ALE
A0
(Note 1)
80186
WR
RD
BHE
(Note 1)
ALE
A0
(Note 1)
80C161, 80C164-80C167
WR
RD
BHE
(Note 1)
ALE
A0
(Note 1)
80C51XA
WRL
RD
PSEN
WRH
ALE
A4/D0
A3-A1
H8/300
WRL
RD
(Note 1)
WRH
AS
A0
—
M37702M2
R/W
E
BHE
(Note 1)
ALE
A0
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com