Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA206 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTA206
Description  TURBOSWITCH A ULTRA-FAST HIGH VOLTAGE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA206 Datasheet(HTML) 1 Page - STMicroelectronics

  STTA206 Datasheet HTML 1Page - STMicroelectronics STTA206 Datasheet HTML 2Page - STMicroelectronics STTA206 Datasheet HTML 3Page - STMicroelectronics STTA206 Datasheet HTML 4Page - STMicroelectronics STTA206 Datasheet HTML 5Page - STMicroelectronics STTA206 Datasheet HTML 6Page - STMicroelectronics STTA206 Datasheet HTML 7Page - STMicroelectronics STTA206 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TM : TURBOSWITCH is a trademark of STMicroelectronics
November 1999 - Ed: 2D
SPECIFIC TO "FREEWHEEL MODE" OPERA-
TIONS : FREEWHEEL OR BOOSTER DIODE
ULTRA-FAST AND SOFT RECOVERY
VERY LOW OVERALL POWER LOSSES IN
BOTH THE DIODE AND THE COMPANION
TRANSISTOR
HIGH FREQUENCY OPERATIONS
SURFACE MOUNT DEVICE
FEATURES AND BENEFITS
The TURBOSWITCH is a very high performance
series of ultra-fast high voltage power diodes from
600V to 1200V.
TURBOSWITCH "A" family drastically cuts losses
in both the diode and the associated switching
IGBT or MOSFET in all "Freewheel Mode"
operations and is particulary suitable and efficient
in Motor Control Freewheel applications and in
Booster diode applications in Power Factor Control
circuitries.
Packaged in SMC surface mount envelope, these
600V devices are particularly intended for use on
240V domestic mains.
DESCRIPTION
IF(AV)
2A
VRRM
600V
trr (typ)
20ns
VF (max)
1.5V
MAIN PRODUCTS CHARACTERISTICS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
VRSM
Non repetitive peak reverse voltage
600
V
IF(RMS)
RMS forward current
8
A
IFRM
Repetitive peak forward current (tp = 5
µs, f = 5kHz)
50
A
Tj
Maximum operating junction temperature
125
°C
Tstg
Storage temperature range
- 65 to + 150
°C
ABSOLUTE MAXIMUM RATINGS
STTA206S
®
TURBOSWITCH
™ "A". ULTRA-FAST HIGH VOLTAGE DIODE
AK
SMC
1/8


Similar Part No. - STTA206

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA2006P STMICROELECTRONICS-STTA2006P Datasheet
71Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA2006P STMICROELECTRONICS-STTA2006P Datasheet
270Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
May-2002
STTA2006PI STMICROELECTRONICS-STTA2006PI Datasheet
71Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA2006PI STMICROELECTRONICS-STTA2006PI Datasheet
270Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
May-2002
STTA2006P STMICROELECTRONICS-STTA2006P_02 Datasheet
270Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
May-2002
More results

Similar Description - STTA206

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA106 STMICROELECTRONICS-STTA106 Datasheet
97Kb / 8P
TURBOSWITCH a ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA112U STMICROELECTRONICS-STTA112U Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA2006P STMICROELECTRONICS-STTA2006P Datasheet
71Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA212S STMICROELECTRONICS-STTA212S Datasheet
72Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA3006P STMICROELECTRONICS-STTA3006P Datasheet
82Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA406 STMICROELECTRONICS-STTA406 Datasheet
53Kb / 5P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA6006P STMICROELECTRONICS-STTA6006P Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA806D STMICROELECTRONICS-STTA806D Datasheet
88Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA812D STMICROELECTRONICS-STTA812D Datasheet
91Kb / 10P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA806 STMICROELECTRONICS-STTA806 Datasheet
264Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
May-2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com