Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA206 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTA206
Description  TURBOSWITCH A ULTRA-FAST HIGH VOLTAGE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA206 Datasheet(HTML) 6 Page - STMicroelectronics

  STTA206 Datasheet HTML 1Page - STMicroelectronics STTA206 Datasheet HTML 2Page - STMicroelectronics STTA206 Datasheet HTML 3Page - STMicroelectronics STTA206 Datasheet HTML 4Page - STMicroelectronics STTA206 Datasheet HTML 5Page - STMicroelectronics STTA206 Datasheet HTML 6Page - STMicroelectronics STTA206 Datasheet HTML 7Page - STMicroelectronics STTA206 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1E-2
1E-1
1E+0
1E+1
5E+1
IFM(A)
Tj=125°C
Tj=25°C
VFM(V)
Fig. 9: Forward voltage drop versus forward
current (maximum values).
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
1E-2
1E-1
1E+0
Zth(j-a) (°C/W)
tp(s)
δ = 0.1
δ = 0.2
δ = 0.5
Single pulse
T
δ=tp/T
tp
Fig. 10: Relative variation of thermal impedance
junction
to
ambient
versus
pulse
duration
(recommended pad layout).
0
20
40
60
80
100 120 140 160 180 200
0
50
100
150
200
250
300
trr(ns)
VR=400V
Tj=125°C
IF=2*IF(av)
IF=IF(av)
dIF/dt(A/µs)
Fig. 12: Reverse recovery time versus dIF/dt (90%
confidence).
0
50
100
150
200
0
1
2
3
4
5
6
7
8
9
10
IRM(A)
VR=400V
Tj=125°C
IF=2*IF(av)
IF=IF(av)
dIF/dt(A/µs)
Fig. 11: Peak reverse recovery current versus
dIF/dt (90% confidence).
25
50
75
100
125
0.7
0.8
0.9
1.0
1.1
IRM
S factor
Tj(°C)
Fig. 14: Relative variation of dynamic parameters
versus junction temperature (reference Tj=125°C).
0
20
40
60
80
100
120
140
160
180
200
0.6
0.8
1.0
1.2
1.4
1.6
1.8
S factor
IF<2*IF(av)
VR=400V
Tj=125°C
dIF/dt(A/µs)
Fig. 13: Softness factor (tb/ta) versus dIF/dt
(typical values).
STTA206S
6/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com