Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA206 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTA206
Description  TURBOSWITCH A ULTRA-FAST HIGH VOLTAGE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA206 Datasheet(HTML) 4 Page - STMicroelectronics

  STTA206 Datasheet HTML 1Page - STMicroelectronics STTA206 Datasheet HTML 2Page - STMicroelectronics STTA206 Datasheet HTML 3Page - STMicroelectronics STTA206 Datasheet HTML 4Page - STMicroelectronics STTA206 Datasheet HTML 5Page - STMicroelectronics STTA206 Datasheet HTML 6Page - STMicroelectronics STTA206 Datasheet HTML 7Page - STMicroelectronics STTA206 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
I
I F
Rd
I R
V R
VtO
V F
V
Fig. 2 : STATIC CHARACTERISTICS
Conduction losses :
P1 = Vt0 x IF(AV) + Rd x IF2(RMS)
with
Vt0 = 1.15 V
Rd = 0.175 Ohm
(Max values at 125°C)
Reverse losses :
P2 = VR x IR x (1 -
δ)
APPLICATION DATA (Cont’d)
Turn-on losses :
(in the transistor, due to the diode)
P5 =
VR
× IRM 2 × (3 + 2 × S)
× F
6 x
dIF
⁄ dt
+
VR
× IRM × IL × (S + 2) × F
2
× dIF ⁄ dt
Turn-off losses (in the diode) :
P3 =
VR
× IRM 2 × S
× F
6
x dIF
⁄ dt
P3 and P5 are suitable for power MOSFET and
IGBT
Fig. 3 : TURN-OFF CHARACTERISTICS
dI
F /dt = VR /L
dI /dt
R
tb
ta
I
RM
V
R
I
V
t
S= tb/ta
trr = ta + tb
RECTIFIER
OPERATION
V
I
IL
t
TRANSISTOR
dI /dt
F
dI /dt
R
tb
ta
I RM
VR
DIODE
I
V
t
trr = ta + tb
S = tb / ta
STTA206S
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com