Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA206 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTA206
Description  TURBOSWITCH A ULTRA-FAST HIGH VOLTAGE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA206 Datasheet(HTML) 5 Page - STMicroelectronics

  STTA206 Datasheet HTML 1Page - STMicroelectronics STTA206 Datasheet HTML 2Page - STMicroelectronics STTA206 Datasheet HTML 3Page - STMicroelectronics STTA206 Datasheet HTML 4Page - STMicroelectronics STTA206 Datasheet HTML 5Page - STMicroelectronics STTA206 Datasheet HTML 6Page - STMicroelectronics STTA206 Datasheet HTML 7Page - STMicroelectronics STTA206 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
APPLICATION DATA (Cont’d)
I F
V F
V Fp
1.1V F
V F
F
dI /dt
0
0t
t
I Fmax
tfr
Fig. 4 : TURN-ON CHARACTERISTICS
Turn-on losses :
P4 = 0.4 (VFP - VF) x IFmax x tfr x F
Ratings and characteristics
curves are ON
GOING.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
P1(W)
IF(av) (A)
δ = 0.2
δ = 0.5
δ = 1
δ = 0.05
δ = 0.1
Fig. 5: Conduction losses versus average current.
0
20
40
60
80
100 120 140 160 180 200
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
P3(W)
Tj=125°C
F=20KHz
VR=400V
IL=2A
IL=4A
dIF/dt(A/us)
Fig. 6: Switching OFF losses versus dIF/dt.
0
20
40
60
80
100
120
140
160
180
200
0
0.05
0.1
0.15
0.2
dIF/dt(A/us)
P4(W)
Tj=125°C F=100KHz IF=IF(AV)
Fig. 7: Switching ON losses versus dIF/dt.
0
20
40
60
80
100
120
140
160
180
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Tj=125°C F=20KHz
VR=400V
IL=2A
IL=4A
P5(W)
dIF/dt(A/us)
Fig. 8: Switching losses in transistor due to the diode.
STTA206S
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com