Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA206 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTA206
Description  TURBOSWITCH A ULTRA-FAST HIGH VOLTAGE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA206 Datasheet(HTML) 2 Page - STMicroelectronics

  STTA206 Datasheet HTML 1Page - STMicroelectronics STTA206 Datasheet HTML 2Page - STMicroelectronics STTA206 Datasheet HTML 3Page - STMicroelectronics STTA206 Datasheet HTML 4Page - STMicroelectronics STTA206 Datasheet HTML 5Page - STMicroelectronics STTA206 Datasheet HTML 6Page - STMicroelectronics STTA206 Datasheet HTML 7Page - STMicroelectronics STTA206 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VF
*
Forward voltage drop
IF = 2A
Tj = 25°C
Tj = 125°C
1.1
1.75
1.5
V
IR
**
Reverse leakage current
VR = 0.8
x VRRM
Tj = 25°C
Tj = 125°C
400
20
1200
µA
STATIC ELECTRICAL CHARACTERISTICS
(see Fig. 2)
Symbol
Parameter
Conditions
Value
Unit
Rth(j-I)
Junction to lead
21
°C/W
P1
Conduction power dissipation
(see fig. 2)
IF(AV) = 1.5A
δ = 0.5
Tlead= 72°C
2.5
W
Pmax
Total power dissipation
Pmax = P1 + P3
(P3 = 10% P1)
Tlead= 67°C
2.8
W
THERMAL AND POWER DATA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
trr
Reverse
recovery time
Tj = 25°C
IF = 0.5 A
IR = 1A
Irr = 0.25A
IF = 1 A dIF/dt =-50A/
µs VR = 30V
20
50
ns
IRM
Maximum
recovery current
Tj = 125°C VR = 400V
IF = 2A
dIF/dt = -16 A/
µs
dIF/dt = -50 A/
µs2.0
1.2
A
S factor
Softness factor
Tj = 125°C VR = 400V
IF = 2A
dIF/dt = -50 A/
µsTBD
-
DYNAMIC ELECTRICAL CHARACTERISTICS
TURN-OFF SWITCHING (see Fig. 3)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
tfr
Forward
recovery time
Tj = 25°C
IF = 1 A
dIF/dt = 8 A/
µs
measured at, 1.1
× VF max
500
ns
VFp
Peak forward
voltage
10
V
TURN-ON SWITCHING
(see Fig.8)
Test pulses widths : * tp = 380
µs, duty cycle < 2%
** tp = 5 ms , duty cycle < 2%
STTA206S
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com