Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4570 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 4570
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4570 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 4570 Datasheet HTML 55Page - Renesas Technology Corp 4570 Datasheet HTML 56Page - Renesas Technology Corp 4570 Datasheet HTML 57Page - Renesas Technology Corp 4570 Datasheet HTML 58Page - Renesas Technology Corp 4570 Datasheet HTML 59Page - Renesas Technology Corp 4570 Datasheet HTML 60Page - Renesas Technology Corp 4570 Datasheet HTML 61Page - Renesas Technology Corp 4570 Datasheet HTML 62Page - Renesas Technology Corp 4570 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 69 page
background image
66
MITSUBISHI MICROCOMPUTERS
4570 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Fig. 36 PROM memory map
Fig. 37 Flow of writing and test of the product shipped in
blank
(1) PROM mode
The built-in PROM version has a PROM mode in addition to
a normal operation mode. The PROM mode is used to write
to and read from the built-in PROM.
In the PROM mode, the programming adapter can be used
with a general-purpose PROM programmer to write to or read
from the built-in PROM as if it were M5M27C256K.
Programming adapter is listed in Table 17. Contact addresses
at the end of this book for the appropriate PROM programmer.
• Writing and reading of built-in PROM
Programming voltage is 12.5 V. Write the program in the
PROM of the built-in PROM version as shown in Figure
36.
(2) Notes on handling
Œ A high-voltage is used for writing. Take care that
overvoltage is not applied. Take care especially at turning
on the power.
 For the One Time PROM version Mitsubishi Electric corp.
does not perform PROM writing test and screening in the
assembly process and following processes. In order to
improve reliability after writing, performing writing and test
according to the flow shown in Figure 37 before using is
recommended.
Table 17 Programming adapter
Microcomputer
M34570E8FP, M34570EDFP
Programming adapter
PCA7425
Writing with PROM programmer
Screening (Leave at 150 °C for 40 hours) (Note)
Verify test with PROM programmer
Function test in target device
Since the screening temperature is higher
than storage temperature, never expose the
microcomputer to 150 °C exceeding 100
hours.
Note:
Address
000016
1FFF16
400016
5FFF16
7FFF16
1
11
D4
D3
D2
D1
D0
High-order 5 bits
1
11
D4
D3
D2
D1
D0
Low-order 5 bits
The shaded area can be used only for M34570ED.
Set “FF16” to the shaded area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com