Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4570 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 4570
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4570 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 4570 Datasheet HTML 25Page - Renesas Technology Corp 4570 Datasheet HTML 26Page - Renesas Technology Corp 4570 Datasheet HTML 27Page - Renesas Technology Corp 4570 Datasheet HTML 28Page - Renesas Technology Corp 4570 Datasheet HTML 29Page - Renesas Technology Corp 4570 Datasheet HTML 30Page - Renesas Technology Corp 4570 Datasheet HTML 31Page - Renesas Technology Corp 4570 Datasheet HTML 32Page - Renesas Technology Corp 4570 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
28
MITSUBISHI MICROCOMPUTERS
4570 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
RESET FUNCTION
____________
System reset is performed by applying “L” level to RESET pin
for 1 machine cycle or more when the following condition is
satisfied;
• the value of supply voltage is the minimum value or more of
the recommended operating conditions.
____________
Then when “H” level is applied to RESET pin, software starts
from address 0 in page 0.
VDD
Power-on reset circuit
output voltage
Internal reset signal
Power-on
RESET
pin
WEF
Watchdog timer
output
Internal reset
signal
Reset state
Reset released
This symbol represents a parasitic
diode.
Note:
Applied potential to RESET pin must
be VDD or less.
(Note)
Power-on
reset circuit
Pull-up
transistor
Voltage drop detection circuit
f(XIN)
RESET
f(XIN) is counted
10757 to 10786 times
Software start
(Address 0 in page 0)
Note: The number of clock cycles depends on the internal state of
the microcomputer when reset is performed.
(Note)
“H”
“L”
Fig. 23 Reset release timing
Fig. 24 RESET pin input waveform and reset operation
(1) Power-on reset
Reset can be automatically performed at power on (power-
on reset) by the built-in power-on reset circuit. When the built-
in power-on reset circuit is used, the time for the supply voltage
to reach the minimum operating voltage must be set to 100
µs or less. If the rising time exceeds 100 µs, connect a
capacitor between the RESET pin and VSS at the shortest
distance, and input “L” level to RESET pin until the value of
supply voltage reaches the minimum operating voltage.
Fig. 25 Power-on reset circuit example
Note: Keep the value of supply voltage the minimum value or more
of the recommended operating conditions.
RESET
Software start
(Address 0 in page 0)
Reset input
1machine cycle or more
0.3VDD
f(XIN) is counted
10757 to 10786 times
(Note)
0.85VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com