Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4570 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 4570
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4570 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 4570 Datasheet HTML 60Page - Renesas Technology Corp 4570 Datasheet HTML 61Page - Renesas Technology Corp 4570 Datasheet HTML 62Page - Renesas Technology Corp 4570 Datasheet HTML 63Page - Renesas Technology Corp 4570 Datasheet HTML 64Page - Renesas Technology Corp 4570 Datasheet HTML 65Page - Renesas Technology Corp 4570 Datasheet HTML 66Page - Renesas Technology Corp 4570 Datasheet HTML 67Page - Renesas Technology Corp 4570 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
71
MITSUBISHI MICROCOMPUTERS
4570 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
T 1. Confirmation
Three sets of EPROMs are required for each pattern if this order is performed by EPROMs.
One floppy disk is required for each pattern if this order is performed by floppy disk.
Ordering by the EPROMs
Specify the type of EPROMs submitted (check in the approximate box).
If at least two of the three sets of EPROMs submitted contain the identical data, we will produce
masks based on this data. We shall assume the responsibility for errors only if the mask ROM data
on the products we produce differ from this data. Thus, the customer must be especially careful in
verifying the data contained in the EPROMs submitted.
Checksum code for entire EPROM area
(hexadecimal notation)
EPROM Type:
Company
name
Date
issued
Date:
T Customer
TEL (
)
Mask ROM number
Date:
Section head
signature
Supervisor
signature
Responsible
officer
Supervisor
GZZ-SH55-10B <91A0>
4500 SERIES MASK ROM ORDER CONFIRMATION FORM
SINGLE-CHIP MICROCOMPUTER M34570MD-XXXFP
MITSUBISHI ELECTRIC
Please fill in all items marked T.
27C256
27C512
Low-order
5-bit data
High-order
5-bit data
000016
3FFF16
400016
7FFF16
16.00K
16.00K
Set “FF16” in the shaded area.
Set “1112” in the area
of low-order and high-order 5-bit data.
Low-order
5-bit data
High-order
5-bit data
000016
3FFF16
400016
7FFF16
16.00K
16.00K
123456789012345678901234
123456789012345678901234
123456789012345678901234
123456789012345678901234
123456789012345678901234
123456789012345678901234
123456789012345678901234
FFFF16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com