Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4570 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 4570
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4570 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 4570 Datasheet HTML 17Page - Renesas Technology Corp 4570 Datasheet HTML 18Page - Renesas Technology Corp 4570 Datasheet HTML 19Page - Renesas Technology Corp 4570 Datasheet HTML 20Page - Renesas Technology Corp 4570 Datasheet HTML 21Page - Renesas Technology Corp 4570 Datasheet HTML 22Page - Renesas Technology Corp 4570 Datasheet HTML 23Page - Renesas Technology Corp 4570 Datasheet HTML 24Page - Renesas Technology Corp 4570 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
20
MITSUBISHI MICROCOMPUTERS
4570 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
The 4570 Group timer consists of the following circuits.
• Prescaler : frequency divider
• Timer 1 : 10-bit programmable timer with the interrupt function
and the carrier wave output auto-control function
• Timer 2 : 8-bit programmable timer with the interrupt function
• Timer 3 : 8-bit programmable timer with the interrupt function
and the carrier wave generation function
• 16-bit timer
Prescaler, timer 1, timer 2 and timer 3 can be controlled with the
timer control registers W1, W2 and W3.
16-bit timer is the free-run counter without the control register.
Each function is described below.
Table 9 Function related timers
Count source
• Instruction clock
• Prescaler output (ORCLK)
• Carrier wave generating circuit
output (CARRY)
• Prescaler output (ORCLK)
• Timer 1 underflow
• Instruction clock
• 16-bit timer underflow
• Prescaler output (ORCLK)
• Timer 2 underflow
• f(XIN) or f(XIN)/2
• Instruction clock
Structure
Frequency divider
10-bit programmable
binary down counter
8-bit programmable
binary down counter
8-bit programmable
binary down counter
16-bit fixed
dividing frequency
Circuit
Prescaler
Timer 1
Timer 2
Timer 3
16-bit timer
Use of output signal
• Timer 1, 2 and 3 count sources
• Timer 1 interrupt
• Carrier wave output auto-control
• Timer 2 count source
• Timer 2 interrupt
• Timer 3 count source
• TOUT output
• Timer 3 interrupt
• Timer 1 count source
• Carrier wave
• Watchdog timer
(15-th bit output is counted
twice.)
• Timer 2 count source
(16-bit timer underflow)
Frequency
dividing ratio
4, 8
1 to 1024
1 to 256
1 to 256
65536
Control
register
W1
W1
(W5)
W2
W3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com