Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7546 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 7546
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7546 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 7546 Datasheet HTML 45Page - Renesas Technology Corp 7546 Datasheet HTML 46Page - Renesas Technology Corp 7546 Datasheet HTML 47Page - Renesas Technology Corp 7546 Datasheet HTML 48Page - Renesas Technology Corp 7546 Datasheet HTML 49Page - Renesas Technology Corp 7546 Datasheet HTML 50Page - Renesas Technology Corp 7546 Datasheet HTML 51Page - Renesas Technology Corp 7546 Datasheet HTML 52Page - Renesas Technology Corp 7546 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 95 page
background image
Rev.1.21
Nov 15, 2006
page 49 of 93
REJ03B0160-0121
7546 Group
Fig. 59 Block diagram of UART serial I/O2
(2) Asynchronous Serial I/O2 (UART) Mode
Clock asynchronous serial I/O mode (UART) can be selected by
clearing the serial I/O2 mode selection bit of the serial I/O2 control
register to “0”.
Eight serial data transfer formats can be selected, and the transfer
formats used by a transmitter and receiver must be identical.
The transmit and receive shift registers each have a buffer, but the
two buffers have the same address in memory. Since the shift reg-
ister cannot be written to or read from directly, transmit data is
written to the transmit buffer register, and receive data is read
from the receive buffer register.
The transmit buffer register can also hold the next data to be
transmitted, and the receive buffer register can hold a character
while the next character is being received.
Fig. 60 Operation of UART serial I/O2 function
XIN
1/4
OE
PE FE
1/16
1/16
Data bus
Receive buffer register 2
Address 002E16
Receive shift register 2
Receive buffer full flag (RBF)
Receive interrupt request (RI)
Baud rate generator 2
Frequency division ratio 1/(n+1)
Address 003216
ST/SP/PA generator
Transmit buffer register 2
Data bus
Transmit shift register 2
Address 002E16
Transmit shift completion flag (TSC)
Transmit buffer empty flag (TBE)
Transmit interrupt request (TI)
Address 002F16
ST detector
SP detector
UART2 control register
Address 003116
Character length selection bit
Address 003016
BRG count source selection bit
Transmit interrupt source selection bit
Serial I/O2 synchronous clock selection bit
Clock control circuit
Character length selection bit
7 bits
8 bits
Serial I/O2 control register
P06/SCLK2
Serial I/O2 status register
P04/RXD2
P05/TXD2
TSC=0
TBE=1
RBF=0
TBE=0
TBE=0
RBF=1
RBF=1
ST
D0
D1
SP
D0
D1
ST
SP
TBE=1
TSC=1
ST
D0
D1
SP
D0
D1
ST
SP
Transmit or receive clock
Transmit buffer 2
write signal
Generated at 2nd bit in 2-stop-bit mode
1 start bit
7 or 8 data bit
1 or 0 parity bit
1 or 2 stop bit (s)
1: Error flag detection occurs at the same time that the RBF flag becomes “1” (at 1st stop bit, during reception).
2: As the transmit interrupt (TI), when either the TBE or TSC flag becomes “1,” can be selected to occur depending on the setting of the transmit
interrupt source selection bit (TIC) of the serial I/O2 control register.
3: The receive interrupt (RI) is set when the RBF flag becomes “1.”
4: After data is written to the transmit buffer when TSC=1, 0.5 to 1.5 cycles of the data shift cycle is necessary until changing to TSC=0.
Notes
✽
✽
Serial output TXD2
Serial input RXD2
Receive buffer 2
read signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com