Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7546 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 7546
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7546 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 7546 Datasheet HTML 17Page - Renesas Technology Corp 7546 Datasheet HTML 18Page - Renesas Technology Corp 7546 Datasheet HTML 19Page - Renesas Technology Corp 7546 Datasheet HTML 20Page - Renesas Technology Corp 7546 Datasheet HTML 21Page - Renesas Technology Corp 7546 Datasheet HTML 22Page - Renesas Technology Corp 7546 Datasheet HTML 23Page - Renesas Technology Corp 7546 Datasheet HTML 24Page - Renesas Technology Corp 7546 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 95 page
background image
Rev.1.21
Nov 15, 2006
page 21 of 93
REJ03B0160-0121
7546 Group
Termination of unused pins
• Termination of common pins
I/O ports:
Select an input port or an output port and follow
each processing method.
Output ports: Open.
Pin
P00/CAP0
P01/CMP0
P02/CMP1
P03/TXOUT
P04/RxD2
P05/TxD2
P06/SCLK2
P07/SRDY2
P10/RxD1/CAP0
P11/TxD1
P12/SCLK1
P13/SRDY1
P14/CNTR0
P20/AN0–P25/AN5
P30/CAP1
P31/CMP2
P32/CMP3
P33/INT1
P34
P37/INT0
VREF
Termination 1
(recommend)
I/O port
Connect to Vss.
Termination 2
When selecting CAP function,
perform termination of input port.
When selecting CMP0 function,
perform termination of output port.
When selecting CMP1 function,
perform termination of output port.
When selecting TXOUT function,
perform termination of output port.
When selecting RxD2 function,
perform termination of input port.
When selecting TxD2 function,
perform termination of output port.
When selecting external clock input,
perform termination of output port.
When selecting SRDY2 function,
perform termination of output port.
When selecting RxD1 function,
perform termination of input port.
When selecting TxD1 function,
perform termination of output port.
When selecting external clock input,
perform termination of input port.
When selecting SRDY1 function,
perform termination of output port.
When selecting CNTR input function,
perform termination of input port.
When selecting AN function,
perform termination of input port.
When selecting CAP function,
perform termination of input port.
When selecting CMP2 function,
perform termination of output port.
When selecting CMP3 function,
perform termination of output port.
When selecting INT function,
perform termination of input port.
-
When selecting INT function,
perform termination of input port.
-
Termination 3
-
-
-
-
-
-
When selecting internal clock output,
perform termination of output port.
-
When selecting CAP function, per-
form termination of input port.
-
When selecting internal clock output,
perform termination of output port.
-
When selecting CNTR output function,
perform termination of output port.
-
-
-
-
-
-
-
-
Termination 4
When selecting key-on
wakeup function, perform
termination of input port.
-
-
-
-
-
-
-
-
-
-
-
-
-
Table 7 Termination of unused pins
Input ports: If the input level become unstable, through current
flow to an input circuit, and the power supply current
may increase.
Especially, when expecting low consumption current
(at STP or WIT instruction execution etc.), pull-up or
pull-down input ports to prevent through current
(built-in resistor can be used).
We recommend processing unused pins through a
resistor which can secure IOH(avg) or IOL(avg).
Because, when an I/O port or a pin which have an
output function is selected as an input port, it may
operate as an output port by incorrect operation etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com