Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7546 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 7546
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7546 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 7546 Datasheet HTML 25Page - Renesas Technology Corp 7546 Datasheet HTML 26Page - Renesas Technology Corp 7546 Datasheet HTML 27Page - Renesas Technology Corp 7546 Datasheet HTML 28Page - Renesas Technology Corp 7546 Datasheet HTML 29Page - Renesas Technology Corp 7546 Datasheet HTML 30Page - Renesas Technology Corp 7546 Datasheet HTML 31Page - Renesas Technology Corp 7546 Datasheet HTML 32Page - Renesas Technology Corp 7546 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 95 page
background image
Rev.1.21
Nov 15, 2006
page 29 of 93
REJ03B0160-0121
7546 Group
Fig. 25 Block diagram of timer 1 and timer X
Q
Q
P14/CNTR0
R
T
1/16
1/2
Timer X
interrupt
request bit
Toggle flip-flop
Timer X count stop bit
Pulse width
measurement
mode
Event
counter
mode
CNTR0
interrupt
request bit
Pulse output mode
Port P14
latch
Port P14 direction
register
CNTR0 active
edge switch bit
Timer mode
Pulse output mode
CNTR0 active
edge switch bit
Timer X count
source selection bits
1/1
P03/TXOUT
Prescaler X latch (8)
Prescaler X (8)
Timer X latch (8)
Timer X (8)
Data bus
“0”
“1”
“0”
“1”
Writing to timer X latch
Pulse output mode
P03/TXOUT output valid
Port P03 latch
Port P03
direction
register
Prescaler 1 latch (8)
Prescaler 1 (8)
Timer 1 latch (8)
Timer 1 (8)
1/16
Data bus
Timer 1 interrupt
request
Frequency
divider
XIN
On-chip
oscillator
“00”
“01”
“11”
“0”
“10”
Clock
division ratio
selection bits
CPU mode register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com